Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6620AS Datasheet(PDF) 14 Page - Analog Devices

Part # AD6620AS
Description  67 MSPS Digital Receive Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6620AS Datasheet(HTML) 14 Page - Analog Devices

Back Button AD6620AS Datasheet HTML 10Page - Analog Devices AD6620AS Datasheet HTML 11Page - Analog Devices AD6620AS Datasheet HTML 12Page - Analog Devices AD6620AS Datasheet HTML 13Page - Analog Devices AD6620AS Datasheet HTML 14Page - Analog Devices AD6620AS Datasheet HTML 15Page - Analog Devices AD6620AS Datasheet HTML 16Page - Analog Devices AD6620AS Datasheet HTML 17Page - Analog Devices AD6620AS Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
AD6620
–14–
REV. A
CIC2 DECIMATION
LOG2 (M)
225
5
1
234
250
275
300
325
350
375
400
CIC5 DECIMATION
RCF DECIMATION
TPC 1. Typical Power vs. Decimation Rates
0
–132
–120
–108
–96
–84
–72
–60
–48
–36
–24
–12
0
fSAMP
SPUR = –104dB
PHASE DITHER OFF
TPC 2. Typical NCO Spur Without Dither
0
–132
–120
–108
–96
–84
–72
–60
–48
–36
–24
–12
0
fSAMP
SPUR = –118dB
PHASE DITHER ON
TPC 3. Typical NCO Spur with Dither
–Typical Performance Characteristics
0
1
–140
–120
–100
–80
–60
–40
–20
0
COMPOSITE FREQUENCY RESPONSE – MHz
23
TPC 4. High Decimation GSM Filter
Input sample rate 65 MSPS, decimation is 240, FIR taps is 240.
Unshown spectrum is below that shown. Decimation distribu-
tion is 3, 10, 8, respectively.
0
2
–140
–120
–100
–80
–60
–40
–20
0
COMPOSITE FREQUENCY RESPONSE – MHz
48
6
TPC 5. High Decimation AMPS Filter
Input sample rate 58.32 MSPS, decimation is 300, FIR taps is
128. Unshown spectrum is below that shown. Decimation distri-
bution among CIC2, CIC5, and RCF is 10, 30 and 1, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com