Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6620AS Datasheet(PDF) 34 Page - Analog Devices

Part # AD6620AS
Description  67 MSPS Digital Receive Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6620AS Datasheet(HTML) 34 Page - Analog Devices

Back Button AD6620AS Datasheet HTML 30Page - Analog Devices AD6620AS Datasheet HTML 31Page - Analog Devices AD6620AS Datasheet HTML 32Page - Analog Devices AD6620AS Datasheet HTML 33Page - Analog Devices AD6620AS Datasheet HTML 34Page - Analog Devices AD6620AS Datasheet HTML 35Page - Analog Devices AD6620AS Datasheet HTML 36Page - Analog Devices AD6620AS Datasheet HTML 37Page - Analog Devices AD6620AS Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
AD6620
–34–
REV. A
DATA VALID
tSC
ADDRESS VALID
N
N+1
N+2
N+3
CLK1
R/W2
DS2
CS3
D[7:0]
DTACK
A[2:0]
tSAM
N+4
N
tHC
tDD
tHC
tZD
tHA
tDTACK
tDTACK
NOTES:
1 DTACK IS DRIVEN LOW ON THE RISING EDGE OF CLK "N+3" FOR INTERNAL ACCESS (A[2:0] = 000),
CLK "N=2" OTHERWISE.
2 THE SIGNAL, R/W MAY REMAIN HIGH AND DS MAY REMAIN LOW TO CONTINUE READ MODE.
3 CS MUST RETURN TO HIGH STATE AND BE SAMPLED BY CLK (N+4 SHOWN) TO COMPLETE ACCESS
AND FORCE
DTACK HIGH.
tSC
tZR
Figure 45. Mode 1 Read (MODE = VDD)
Mode = 1
If the MODE input is held high the interface is in Mode 1. In
Mode 1 the
RD signal becomes the data strobe (DS) and the
WR signal becomes a read/write (R/W) select signal. In this
tSC
N
N+1
N+2
N+3
tSAM
N*
tDTACK
tSC
CLK1
R/W2
DS2
CS3
D[7:0]
DTACK
A[2:0]
tHC
tHC
tDTACK
tSAM
tHM
tHA
NOTES:
1 ON RISING EDGE OF "N+3" CLK, DTACK IS DRIVEN LOW.
2 THESE SIGNALS (R/W AND DS) MAY REMAIN IN LOW STATE TO CONTINUE WRITING DATA.
3 CS MUST RETURN TO HIGH STATE AND BE SAMPLED BY CLK (N+3 SHOWN) TO COMPLETE WRITE
AND FORCE
DTACK HIGH.
*THE NEXT WRITE MAY BE INITIATED ON CLK, N*
DATA VALID
ADDRESS VALID
Figure 46. Mode 1 Write (MODE = VDD)
mode the
DTACK signal goes low when data is available during
a read or when data has been latched during a write. The
DTACK
signal stays low until the
DS signal is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com