Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9740-EB Datasheet (PDF) - Analog Devices

AD9740-EB Datasheet PDF - Analog Devices
Part # AD9740-EB
Download  AD9740-EB Download
File Size   1146.63 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 210 MSPS TxDAC D/A Converter

AD9740-EB Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9740-EB Datasheet PDF - Analog Devices

Part # AD9740-EB
Download  AD9740-EB Click to download

File Size   1146.63 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 210 MSPS TxDAC D/A Converter

AD9740-EB Datasheet (HTML) - Analog Devices


AD9740-EB Product details

GENERAL DESCRIPTION
The AD9740 is a 10-bit resolution, wideband, third generation member of the TxDAC series of high performance, low power CMOS digital-to-analog converters (DACs). The TxDAC family, consisting of pin-compatible 8-, 10-, 12-, and 14-bit DACs, is specifically optimized for the transmit signal path of communication systems. All of the devices share the same interface options, small outline package, and pinout, providing an upward or downward component selection path based on performance, resolution, and cost. The AD9740 offers exceptional ac and dc performance while supporting update rates up to 210 MSPS.

FEATURES
High performance member of pin-compatible
TxDAC product family
Excellent spurious-free dynamic range performance
SNR @ 5 MHz output, 125 MSPS: 65 dB
Twos complement or straight binary data format
Differential current outputs: 2 mA to 20 mA
Power dissipation: 135 mW @ 3.3 V
Power-down mode: 15 mW @ 3.3 V
On-chip 1.2 V Reference
CMOS-compatible digital interface
28-lead SOIC, 28-lead TSSOP, and 32-lead LFCSP
packages
Edge-triggered latches

APPLICATIONS
Wideband communication transmit channel
Direct IF
Base stations
Wireless local loops
Digital radio links
Direct digital synthesis (DDS)
Instrumentation

DC SPECIFICATIONS
TMINto TMAX, AVDD = 3.3 V, DVDD = 3.3 V, CLKVDD = 3.3 V, IOUTFS= 20 mA, unless otherwise noted.




Similar Part No. - AD9740-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9740-EB AD-AD9740-EB Datasheet
743Kb / 20P
10-Bit, 165 MSPS TxDAC D/A Converter
REV.0
More results


Similar Description - AD9740-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9708 AD-AD9708 Datasheet
246Kb / 16P
8-Bit, 100 MSPS TxDAC D/A Converter
REV.B
AD9740 AD-AD9740 Datasheet
743Kb / 20P
10-Bit, 165 MSPS TxDAC D/A Converter
REV.0
AD9750 AD-AD9750 Datasheet
302Kb / 22P
10-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV.0
AD9760 AD-AD9760 Datasheet
412Kb / 23P
10-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD9763 AD-AD9763 Datasheet
460Kb / 28P
10-Bit, 125 MSPS Dual TxDAC D/A Converter
REV.B
AD9751 AD-AD9751 Datasheet
714Kb / 26P
10-Bit, 300 MSPS High-Speed TxDAC D/A Converter
REV.0
AD9410 AD-AD9410 Datasheet
315Kb / 20P
10-Bit, 210 MSPS A/D Converter
REV.0
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9740 AD-AD9740_15 Datasheet
1Mb / 32P
10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9748 AD-AD9748_15 Datasheet
712Kb / 24P
8-Bit, 210 MSPS TxDAC D/A Converter
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com