Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8244ARMZ-R7 Datasheet (PDF) - Analog Devices

AD8244ARMZ-R7 Datasheet PDF - Analog Devices
Part # AD8244ARMZ-R7
Download  AD8244ARMZ-R7 Download
File Size   448.1 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Supply, Low Power, Precision FET Input Quad Buffer

AD8244ARMZ-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8244ARMZ-R7 Datasheet PDF - Analog Devices

Part # AD8244ARMZ-R7
Download  AD8244ARMZ-R7 Click to download

File Size   448.1 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Supply, Low Power, Precision FET Input Quad Buffer

AD8244ARMZ-R7 Datasheet (HTML) - Analog Devices


AD8244ARMZ-R7 Product details

GENERAL DESCRIPTION

The AD8244 is a precision, low power, FET input, quad unity-gain buffer that is designed to isolate very large source impedances from the rest of the signal chain. The 2 pA maximum bias current, near zero current noise, and 10 TΩ input impedance introduce almost no error, even with source impedance well into the megaohms.



FEATURES

Low power

  250 µA maximum supply current per amplifier

FET input

  2 pA maximum input bias current at 25°C

  Extremely high input impedance

Low noise

  13 nV/√Hz voltage noise at 1 kHz

  0.4 µV p-p voltage noise (0.1 Hz to 10 Hz)

  0.8 fA/√Hz current noise at 1 kHz

High dc precision

  3 µV/°C maximum offset drift (B grade)

3 MHz bandwidth

Unique pinout

  No leakage from inputs to supply pins

  Provides guarding capability

Rail-to-rail output

Single-supply operation

  Input range extends to ground

Wide supply range

  Single-supply: 3 V to 36 V

  Dual-supply: ±1.5 V to ±18 V

Available in a compact 10-lead MSOP



APPLICATIONS

Biopotential electrodes

Medical instrumentation

High impedance sensor conditioning

Filters

Photodiode amplifiers




Similar Part No. - AD8244ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8244ARMZ-R7 AD-AD8244ARMZ-R7 Datasheet
549Kb / 20P
Single-Supply, Low Power, Precision FET Input Quad Buffer
Rev. A
More results


Similar Description - AD8244ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD822 AD-AD822 Datasheet
320Kb / 16P
Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV.A
logo
Burr-Brown (TI)
OPA130 BURR-BROWN-OPA130 Datasheet
289Kb / 7P
Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA130 TI-OPA130_07 Datasheet
698Kb / 16P
Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD824 AD-AD824_03 Datasheet
552Kb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD820 AD-AD820_07 Datasheet
588Kb / 24P
Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824ARZ-14 AD-AD824ARZ-14 Datasheet
1Mb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD822 AD-AD822_15 Datasheet
296Kb / 24P
Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824 AD-AD824_15 Datasheet
436Kb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. D
AD824 AD-AD824_V01 Datasheet
344Kb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com