Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8244ARMZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8244ARMZ-R7
Description  Single-Supply, Low Power, Precision FET Input Quad Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8244ARMZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8244ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8244
Data Sheet
0.01
0.1
1
10
100
1k
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
REPRESENTATIVE SAMPLE
Figure 16. Input Bias Current vs. Temperature
–100
–80
–60
–40
–20
0
20
40
60
80
100
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
REPRESENTATIVE SAMPLES NORMALIZED AT 25°C
VIN = ±3V
Figure 17. System Error vs. Temperature, Normalized at 25°C
100
120
140
160
180
200
220
240
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
VS = ±15V
VS = +5V
Figure 18. Supply Current vs. Temperature
–15
–10
–5
0
5
10
15
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
ISHORT+
ISHORT–
VS = ±5V
Figure 19. Short-Circuit Current vs. Temperature
0
3
6
9
12
15
18
SUPPLY VOLTAGE (±VS)
–40°C
+25°C
+85°C
+VS
–50
–100
–150
–200
+50
+100
+150
+200
–VS
RL = 100kΩ
Figure 20. Output Voltage Swing vs. Supply Voltage, RL = 100 kΩ
0
3
6
9
12
15
18
SUPPLY VOLTAGE (±VS)
–40°C
+25°C
+85°C
+VS
–0.1
–0.2
–0.3
–0.4
+0.1
+0.2
+0.3
+0.4
–VS
RL = 10kΩ
Figure 21. Output Voltage Swing vs. Supply Voltage, RL = 10 kΩ
Rev. 0 | Page 10 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com