Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8244ARMZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8244ARMZ-R7
Description  Single-Supply, Low Power, Precision FET Input Quad Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8244ARMZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8244ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8244
Data Sheet
200nV/DIV
1s/DIV
Figure 28. 0.1 Hz to 10 Hz Voltage Noise
–5
–4
–2
–3
–1
0
1
2
3
4
5
0
10
20
30
40
50
60
70
80
WARM-UP TIME (Seconds)
VS = ±15V
Figure 29. Change in Offset Voltage vs. Warm-Up Time
INPUT VOLTAGE
OUTPUT VOLTAGE
VS = ±5V
VIN = ±5.5V
2V/DIV
1ms/DIV
Figure 30. No Phase Reversal
0
5
10
15
20
25
30
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS = ±15V
VS = ±5V
VS = +5V
Figure 31. Large Signal Frequency Response
18.4µs TO 0.01%
5V/DIV
0.002%/DIV
5
0μs/DIV
Figure 32. Large Signal Pulse Response and Settling Time,
RL = 10 kΩ, CL = 100 pF
0
5
10
15
20
25
30
35
40
2
4
6
8
10
12
14
16
18
20
STEP SIZE (V)
SETTLED TO 0.01%
Figure 33. Settling Time vs. Step Size, RL = 10 kΩ, CL = 100 pF
Rev. 0 | Page 12 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com