Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8244ARMZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8244ARMZ-R7
Description  Single-Supply, Low Power, Precision FET Input Quad Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8244ARMZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8244ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
AD8244
20mV/DIV
4µs/DIV
Figure 34. Small Signal Pulse Response, RL = 10 kΩ, CL = 100 pF
25mV/DIV
4µs/DIV
CL = NO LOAD
CL = 100pF
CL = 200pF
Figure 35. Small Signal Pulse Response with Various Capacitive Loads,
RL = No Load
–160
–140
–120
–100
–80
–60
–40
–20
10
100
1k
10k
100k
FREQUENCY (Hz)
TYPICAL CHANNEL-TO-CHANNEL ISOLATION
CHANNEL A FULLY DRIVEN
RL = 10kΩ
Figure 36. Channel Isolation vs. Frequency
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
–16
–14
–12
–10
–8
–6
–4
–2
VIN (V) REFERRED TO +VS
INPUT CAPACITANCE DOES NOT DEPEND
ON NEGATIVE SUPPLY VOLTAGE
+VS
Figure 37. Input Capacitance vs. Input Voltage (VIN) Referred to +VS
Rev. 0 | Page 13 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com