Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP496GSZ Datasheet (PDF) - Analog Devices

OP496GSZ Datasheet PDF - Analog Devices
Part # OP496GSZ
Download  OP496GSZ Download
File Size   2373.57 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower RRIO Operational Amplifiers

OP496GSZ Datasheet (PDF)

Go To PDF Page Download Datasheet
OP496GSZ Datasheet PDF - Analog Devices

Part # OP496GSZ
Download  OP496GSZ Click to download

File Size   2373.57 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower RRIO Operational Amplifiers

OP496GSZ Datasheet (HTML) - Analog Devices


OP496GSZ Product details

GENERAL DESCRIPTION
The OP196 family of CBCMOS operational amplifiers features micropower operation and rail-to-rail input and output ranges. The extremely low power requirements and guaranteed opera tion from 3 V to 12 V make these amplifiers perfectly suited to monitor battery usage and to control battery charging. Their dynamic performance, including 26 nV/√Hz voltage noise density, recommends them for battery-powered audio applications. Capacitive loads to 200 pF are handled without oscillation. The OP196/OP296/OP496 are specified over the industrial (–40°C to +125°C) temperature range. 3 V operation is specified over the 0°C to 125°C temperature range.

FEATURES
    Rail-to-Rail Input and Output Swing
    Low Power: 60µA/Amplifier
    Gain Bandwidth Product: 450 kHz
    Single-Supply Operation: 3 V to 12 V
    Low Offset Voltage: 300µV max
    High Open-Loop Gain: 500 V/mV
    Unity-Gain Stable
    No Phase Reversal

APPLICATIONS
    Battery Monitoring
    Sensor Conditioners
    Portable Power Supply Control
    Portable Instrumentation




Similar Part No. - OP496GSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP496GSZ AD-OP496GSZ Datasheet
2Mb / 19P
Micropower Operational Amplifiers
REV. E
OP496GSZ-REEL AD-OP496GSZ-REEL Datasheet
2Mb / 19P
Micropower Operational Amplifiers
REV. E
OP496GSZ-REEL7 AD-OP496GSZ-REEL7 Datasheet
2Mb / 19P
Micropower Operational Amplifiers
REV. E
More results


Similar Description - OP496GSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
December 22, 2009
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
August 25, 2010
ISL28233_1012 INTERSIL-ISL28233_1012 Datasheet
1Mb / 25P
Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
December 15, 2010
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
June 23, 2011
logo
Analog Devices
OP196 AD-OP196_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
OP296 AD-OP296_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
OP496 AD-OP496_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
logo
Intersil Corporation
ISL28233FUZ INTERSIL-ISL28233FUZ Datasheet
1Mb / 25P
Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
July 26, 2011
logo
Analog Devices
ADA4092-4 AD-ADA4092-4_16 Datasheet
690Kb / 21P
Micropower RRIO Operational Amplifier
Rev. B
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com