Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP496GSZ Datasheet(PDF) 7 Page - Analog Devices

Part # OP496GSZ
Description  Micropower RRIO Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP496GSZ Datasheet(HTML) 7 Page - Analog Devices

Back Button OP496GSZ Datasheet HTML 3Page - Analog Devices OP496GSZ Datasheet HTML 4Page - Analog Devices OP496GSZ Datasheet HTML 5Page - Analog Devices OP496GSZ Datasheet HTML 6Page - Analog Devices OP496GSZ Datasheet HTML 7Page - Analog Devices OP496GSZ Datasheet HTML 8Page - Analog Devices OP496GSZ Datasheet HTML 9Page - Analog Devices OP496GSZ Datasheet HTML 10Page - Analog Devices OP496GSZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
OP196/OP296/OP496
REV.
–7–
TEMPERATURE – C
25
20
0
–75
150
–50
–25
0
25
50
75
100
125
15
10
5
VS = 5V
VCM = 2.5V
TPC 7. Input Bias Current vs. Temperature
SUPPLY VOLTAGE – V
16
4
212
3
5
12
8
14
TPC 8. Input Bias Current vs. Supply Voltage
COMMON-MODE VOLTAGE – V
40
0
–40
–2.5
2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
30
20
–20
–30
10
–10
VS = 2.5V
TA = 25 C
TPC 9. Input Bias Current vs. Common-Mode Voltage
LOAD CURRENT – mA
1000
100
1
0.001
10
0.01
0.1
1
10
SOURCE
SINK
VS = 1.5V
TPC 10. Output Voltage to Supply Rail vs. Load Current
LOAD CURRENT – mA
1000
100
1
0.001
10
0.01
0.1
1
10
SOURCE
SINK
VS = 2.5V
TPC 11. Output Voltage to Supply Rail vs. Load Current
LOAD CURRENT – mA
1000
100
1
0.001
10
0.01
0.1
1
10
SOURCE
SINK
VS = 6V
TPC 12. Output Voltage to Supply Rail vs. Load Current
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com