Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP496GSZ Datasheet(PDF) 14 Page - Analog Devices

Part # OP496GSZ
Description  Micropower RRIO Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP496GSZ Datasheet(HTML) 14 Page - Analog Devices

Back Button OP496GSZ Datasheet HTML 10Page - Analog Devices OP496GSZ Datasheet HTML 11Page - Analog Devices OP496GSZ Datasheet HTML 12Page - Analog Devices OP496GSZ Datasheet HTML 13Page - Analog Devices OP496GSZ Datasheet HTML 14Page - Analog Devices OP496GSZ Datasheet HTML 15Page - Analog Devices OP496GSZ Datasheet HTML 16Page - Analog Devices OP496GSZ Datasheet HTML 17Page - Analog Devices OP496GSZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
OP196/OP296/OP496
REV.
–14–
1/2
OP296
4
1
3
2
8
1000pF
44.2k
1%
30.9k
1%
AD589
43k
1.235V
MJE 350
100 F
VIN
5V TO 3.2V
IL < 50mA
VO
Figure 8. 3 V Low Dropout Voltage Regulator
Figure 9 shows the regulator’s recovery characteristics when its
output underwent a 20 mA to 50 mA step current change.
10
0%
100
90
2V
50µs
10mV
50mA
30mA
OUTPUT
STEP
CURRENT
CONTROL
WAVEFORM
Figure 9. Output Step Load Current Recovery
Buffering a DAC Output
Multichannel TrimDACs® such as the AD8801/AD8803, are
widely used for digital nulling and similar applications. These
DACs have rail-to-rail output swings, with a nominal output
resistance of 5 k
Ω. If a lower output impedance is required, an
OP296 amplifier can be added. Two examples are shown in
Figure 10. One amplifier of an OP296 is used as a simple buffer
to reduce the output resistance of DAC A. The OP296 provides
rail-to-rail output drive while operating down to a 3 V supply
and requiring only 50
µA of supply current.
5V
OP296
SIMPLE BUFFER
0V TO 5V
+4.983V
+1.1mV
R1
100k
SUMMER CIRCUIT
WITH FINE TRIM
ADJUSTMENT
DIGITAL INTERFACING
OMITTED FOR CLARITY
AD8801/
AD8803
VH
VL
VDD
VREFH
GND
VREFL
VH
VL
VH
VL
Figure 10. Buffering a TrimDAC OutputTPC
The next two DACs, B and C, sum their outputs into the other
OP296 amplifier. In this circuit DAC C provides the coarse
output voltage setting and DAC B is used for fine adjustment.
The insertion of R1 in series with DAC B attenuates its contri-
bution to the voltage sum node at the DAC C output.
A High-Side Current Monitor
In the design of power supply control circuits, a great deal of
design effort is focused on ensuring a pass transistor’s long-term
reliability over a wide range of load current conditions. As a result,
monitoring and limiting device power dissipation is of prime
importance in these designs. The circuit illustrated in Figure 11
is an example of a 5 V, single-supply high-side current monitor
that can be incorporated into the design of a voltage regulator
with fold-back current limiting or a high current power supply
with crowbar protection. This design uses an OP296’s rail-to-
rail input voltage range to sense the voltage drop across a 0.1
Ω
current shunt. A p-channel MOSFET is used as the feedback
element in the circuit to convert the op amp’s differential input
voltage into a current. This current is then applied to R2 to gen-
erate a voltage that is a linear representation of the load current.
The transfer equation for the current monitor is given by:
Monitor Output
= R2 ×
R
SENSE
R1


× I
L
For the element values shown, the Monitor Output’s transfer
characteristic is 2.5 V/A.
8
1
2
3
4
1/2
OP296
5V
5V
S
G
D
M1
3N163
MONITOR
OUTPUT
R2
2.49k
R1
100
RSENSE
0.1
IL
5V
Figure 11. A High-Side Load Current Monitor
A Single-Supply RTD Amplifier
The circuit in Figure 12 uses three op amps on the OP496 to
produce a bridge driver for an RTD amplifier while operating
from a single 5 V supply. The circuit takes advantage of the
OP496’s wide output swing to generate a bridge excitation
voltage of 3.9 V. An AD589 provides a 1.235 V reference for
the bridge current. Op amp A1 drives the bridge to maintain
1.235 V across the parallel combination of the 6.19 k
Ω and
2.55 M
Ω resistors, which generates a 200 µA current source.
This current divides evenly and flows through both halves of
the bridge. Thus, 100
µA flows through the RTD to generate
an output voltage which is proportional to its resistance. For
improved accuracy, a 3-wire RTD is recommended to balance
the line resistance in both 100
Ω legs of the bridge.
TrimDAC is a registered trademark of Analog Devices Inc.
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com