Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP496GSZ Datasheet(PDF) 18 Page - Analog Devices

Part # OP496GSZ
Description  Micropower RRIO Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP496GSZ Datasheet(HTML) 18 Page - Analog Devices

Back Button OP496GSZ Datasheet HTML 11Page - Analog Devices OP496GSZ Datasheet HTML 12Page - Analog Devices OP496GSZ Datasheet HTML 13Page - Analog Devices OP496GSZ Datasheet HTML 14Page - Analog Devices OP496GSZ Datasheet HTML 15Page - Analog Devices OP496GSZ Datasheet HTML 16Page - Analog Devices OP496GSZ Datasheet HTML 17Page - Analog Devices OP496GSZ Datasheet HTML 18Page - Analog Devices OP496GSZ Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
OP196/OP296/OP496
–18–
REV. E
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
OP196GSZ
−40°C to +85°C (Ambient)
8-Lead SOIC_N
R-8
OP196GSZ-REEL
−40°C to +85°C (Ambient)
8-Lead SOIC_N
R-8
OP196GSZ-REEL7
−40°C to +85°C (Ambient)
8-Lead SOIC_N
R-8
OP296GSZ
−40°C to +85°C (Ambient)
8-Lead SOIC_N
R-8
OP296GSZ-REEL
−40°C to +85°C (Ambient)
8-Lead SOIC_N
R-8
OP296GSZ-REEL7
−40°C to +85°C (Ambient)
8-Lead SOIC_N
R-8
OP296HRUZ-REEL
−40°C to +85°C (Ambient)
8-Lead TSSOP
RU-8
OP496GS
−40°C to +85°C (Ambient)
14-Lead SOIC_N
R-14
OP496GS-REEL
−40°C to +85°C (Ambient)
14-Lead SOIC_N
R-14
OP496GS-REEL7
−40°C to +85°C (Ambient)
14-Lead SOIC_N
R-14
OP496GSZ
−40°C to +85°C (Ambient)
14-Lead SOIC_N
R-14
OP496GSZ-REEL
−40°C to +85°C (Ambient)
14-Lead SOIC_N
R-14
OP496GSZ-REEL7
−40°C to +85°C (Ambient)
14-Lead SOIC_N
R-14
OP496HRUZ-REEL
−40°C to +85°C (Ambient)
14-Lead TSSOP
RU-14
1 Z = RoHS Compliant Part.
2 Note OP496GS, OP496GS-REEL, and OP496GS-REEL7 are not RoHS compliant parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com