Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP496GSZ Datasheet(PDF) 9 Page - Analog Devices

Part # OP496GSZ
Description  Micropower RRIO Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP496GSZ Datasheet(HTML) 9 Page - Analog Devices

Back Button OP496GSZ Datasheet HTML 5Page - Analog Devices OP496GSZ Datasheet HTML 6Page - Analog Devices OP496GSZ Datasheet HTML 7Page - Analog Devices OP496GSZ Datasheet HTML 8Page - Analog Devices OP496GSZ Datasheet HTML 9Page - Analog Devices OP496GSZ Datasheet HTML 10Page - Analog Devices OP496GSZ Datasheet HTML 11Page - Analog Devices OP496GSZ Datasheet HTML 12Page - Analog Devices OP496GSZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
OP196/OP296/OP496
REV.
–9–
LOAD – k
500
100
400
300
200
600
0
150
1
100
50
10
2
VS = 5V
TA = 25 C
TPC 19. Open-Loop Gain vs. Resistive Load
FREQUENCY – Hz
70
60
–30
10
1M
100
1k
10k
100k
50
40
30
20
10
0
–10
–20
VS = 2.5V
RL = 10k
TA = 25 C
TPC 20. Closed-Loop Gain vs. Frequency
FREQUENCY – Hz
1000
500
0
100
1M
1k
10k
100k
900
800
700
600
400
300
200
100
ACL = 10
ACL = 1
VS = 2.5V
TA = 25 C
TPC 21. Output Impedance vs. Frequency
FREQUENCY – Hz
140
–40
100
10M
1k
10k
100k
1M
120
100
80
60
40
20
0
–20
VS = 2.5V
TA = 25 C
ALL CHANNELS
160
TPC 22. CMRR vs. Frequency
FREQUENCY – Hz
160
140
–40
10
10M
100
1k
10k
1M
100k
120
100
80
60
40
20
0
–20
VS = 5V
TA = 25 C
+PSRR
–PSRR
TPC 23. PSRR vs. Frequency
FREQUENCY – Hz
6
5
0
1k
1M
10k
100k
4
2
3
1
VS = 2.5V
VIN = 5V p-p
AV = 1
RL = 100k
TPC 24. Maximum Output Swing vs. Frequency
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com