Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD848 Datasheet (PDF) - Analog Devices

AD848 Datasheet PDF - Analog Devices
Part # AD848
Download  AD848 Download
File Size   220.31 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Low Power Monolithic Op Amp

AD848 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD848 Datasheet PDF - Analog Devices

Part # AD848
Download  AD848 Click to download

File Size   220.31 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Low Power Monolithic Op Amp

AD848 Datasheet (HTML) - Analog Devices


AD848 Product details

PRODUCT DESCRIPTION
The AD848 and AD849 are high speed, low power monolithic operational amplifiers. The AD848 is internally compensated so that it is stable for closed loop gains of 5 or greater. The AD849 is fully decompensated and is stable at gains greater than 24. The AD848 and AD849 achieve their combination of fast ac and good dc performance by utilizing Analog Devices’ junction isolated complementary bipolar (CB) process. This process enables these op amps to achieve their high speed while only requiring 4.8 mA of current from the power supplies.

FEATURES
725 MHz Gain Bandwidth – AD849
175 MHz Gain Bandwidth – AD848
4.8 mA Supply Current
300 V/ms Slew Rate
80 ns Settling Time to 0.1% for a 10 V Step – AD849
Differential Gain: AD848 = 0.07%, AD849 = 0.08%
Differential Phase: AD848 = 0.088, AD849 = 0.048
Drives Capacitive Loads

DC PERFORMANCE
3 nV/√Hz Input Voltage Noise – AD849
85 V/mV Open Loop Gain into a 1 kV Load – AD849
1 mV max Input Offset Voltage
Performance Specified for 65 V and 615 V Operation
Available in Plastic, Hermetic Cerdip and Small Outline Packages. Chips and MIL-STD-883B Parts Available.
Available in Tape and Reel in Accordance with EIA-481A Standard

APPLICATIONS
Cable Drivers
8- and 10-Bit Data Acquisition Systems
Video and RF Amplification
Signal Generators




Similar Part No. - AD848

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD848 AD-AD848 Datasheet
259Kb / 8P
High Speed, Low Power Monolithic Op Amp
REV.B
AD848 AD-AD848 Datasheet
283Kb / 9P
High Speed, Low Power Monolithic Op Amp
23-Feb-2017
AD8488 AD-AD8488 Datasheet
357Kb / 20P
Digital X-Ray Analog Front End
Rev. A
AD8488KBCZ AD-AD8488KBCZ Datasheet
357Kb / 20P
Digital X-Ray Analog Front End
Rev. A
AD848AQ AD-AD848AQ Datasheet
259Kb / 8P
High Speed, Low Power Monolithic Op Amp
REV.B
More results


Similar Description - AD848

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD847 AD-AD847 Datasheet
241Kb / 12P
High Speed, Low Power Monolithic Op Amp
REV.F
AD848 AD-AD848 Datasheet
259Kb / 8P
High Speed, Low Power Monolithic Op Amp
REV.B
AD847ARZ AD-AD847ARZ Datasheet
245Kb / 12P
High Speed, Low Power Monolithic Op Amp
Rev. F
AD847JRZ-REEL7 AD-AD847JRZ-REEL7 Datasheet
172Kb / 12P
High Speed, Low Power Monolithic Op Amp
REV. F
AD847JRZ AD-AD847JRZ Datasheet
172Kb / 12P
High Speed, Low Power Monolithic Op Amp
REV. F
AD847JNZ AD-AD847JNZ Datasheet
245Kb / 12P
High Speed, Low Power Monolithic Op Amp
REV. F
AD849 AD-AD849_15 Datasheet
251Kb / 8P
High Speed, Low Power Monolithic Op Amp
REV. B
AD847 AD-AD847_15 Datasheet
245Kb / 12P
High Speed, Low Power Monolithic Op Amp
REV. F
AD848 AD-AD848_15 Datasheet
250Kb / 8P
High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848_17 Datasheet
283Kb / 9P
High Speed, Low Power Monolithic Op Amp
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com