Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8488 Datasheet (PDF) - Analog Devices

AD8488 Datasheet PDF - Analog Devices
Part # AD8488
Download  AD8488 Download
File Size   357.44 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Digital X-Ray Analog Front End

AD8488 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8488 Datasheet PDF - Analog Devices

Part # AD8488
Download  AD8488 Click to download

File Size   357.44 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Digital X-Ray Analog Front End

AD8488 Datasheet (HTML) - Analog Devices


AD8488 Product details

FEATURES
128 integrator channels
Correlated double sample error correction (CDS)
Corrects for VOS and LF noise
Power consumption per channel
Normal: 11 mW
Low power: 4 mW
Low input leakage current: −1.5 pA typical
Low input referred noise (QNI): 993 e−rms typical
Linearity error: 0.03% typical
Compact 17 mm × 17 mm BGA
Selectable filter time constants
4 selectable input charge ranges
10 selectable gain ranges

APPLICATION
High performance digital X-ray systems
Medical X-ray
Security (baggage scanner) systems

GENERAL DESCRIPTION
The AD8488 is a 128-channel, analog front end (AFE) designed for
use in high performance digital X-ray systems. The analog channels
consist of an integrator followed by a gain selectable single-ended
to low impedance differential output. The analog channel converts
the charge acquired by X-ray or photodiode detectors to a voltage.
The channels are composed of CMOS transistors, using typical
high input impedance CMOS gates. The integrators generate charge
dependent voltages using a range of selectable capacitance values that
accommodate a broad range of input charge values. The integrators
are followed by single-ended input to differential output voltage
amplifiers where offset and low frequency noise voltages are
subtracted from the input voltages. A 128:1 channel differential
MUX follows the buffers and drives the analog output buffer.
Switch drivers and certain digital timing functions are included, and
all are mounted on a 255-lead BGA substrate. Charge conversion
for all 128 channels is simultaneous followed by a sequential voltage
output read of the channels using a 7-bit address code. The sequence
occurs twice, sampling all 128 channels. Logic control inputs, CS_A
and CS_B, select the lower and upper 64 blocks of the channel
addresses.
The AD8488 is packaged in a 17 mm × 17 mm, 255-lead, RoHScompliant
ball grid array (BGA). The operating temperature range
is 0°C to 85°C ambient.




Similar Part No. - AD8488

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD848 AD-AD848 Datasheet
259Kb / 8P
High Speed, Low Power Monolithic Op Amp
REV.B
AD848 AD-AD848 Datasheet
220Kb / 8P
High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848 Datasheet
283Kb / 9P
High Speed, Low Power Monolithic Op Amp
23-Feb-2017
AD848AQ AD-AD848AQ Datasheet
259Kb / 8P
High Speed, Low Power Monolithic Op Amp
REV.B
AD848AQ AD-AD848AQ Datasheet
220Kb / 8P
High Speed, Low Power Monolithic Op Amp
REV. B
More results


Similar Description - AD8488

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Texas Instruments
AFE0064 TI-AFE0064 Datasheet
545Kb / 25P
64 Channel Analog Front End for Digital X-Ray Detector
AFE0064 TI-AFE0064_13 Datasheet
1Mb / 31P
64 Channel Analog Front End for Digital X-Ray Detector
AFE0256 TI1-AFE0256 Datasheet
2Mb / 5P
256-Channel Analog Front-End for Flat-Panel Digital X-Ray Detector
AFE0064 TI1-AFE0064_14 Datasheet
1Mb / 32P
64 Channel Analog Front End for Digital X-Ray Detector
AFE1256 TI1-AFE1256 Datasheet
398Kb / 10P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2256 TI1-AFE2256 Datasheet
72Kb / 6P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2256 TI1-AFE2256_17 Datasheet
126Kb / 7P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2257 TI1-AFE2257 Datasheet
139Kb / 6P
256-Channel, analog front-end for digital X-ray, flat-panel detectors
AFE3256 TI-AFE3256 Datasheet
506Kb / 6P
AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
OCTOBER 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com