Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD768 Datasheet (PDF) - Analog Devices

AD768 Datasheet PDF - Analog Devices
Part # AD768
Download  AD768 Download
File Size   252.16 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 30 MSPS D/A Converter

AD768 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD768 Datasheet PDF - Analog Devices

Part # AD768
Download  AD768 Click to download

File Size   252.16 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 30 MSPS D/A Converter

AD768 Datasheet (HTML) - Analog Devices


AD768 Product details

PRODUCT DESCRIPTION
The AD768 is a 16-bit, high speed digital-to-analog converter (DAC) that offers exceptional ac and dc performance. The AD768 is manufactured on ADI’s Advanced Bipolar CMOS (ABCMOS) process, combining the speed of bipolar transistors, the accuracy of laser-trimmable thin film resistors, and the efficiency of CMOS logic. A segmented current source architecture is combined with a proprietary switching technique to reduce glitch energy and maximize dynamic accuracy. Edge triggered input latches and a temperature compensated bandgap reference have been integrated to provide a complete monolithic DAC solution.

FEATURES
    30 MSPS Update Rate
    16-Bit Resolution
    Linearity: 1/2 LSB DNL @ 14 Bits 1 LSB INL @ 14 Bits
    Fast Settling: 25 ns Full-Scale Settling to 0.025%
    SFDR @ 1 MHz Output: 86 dBc
    THD @ 1 MHz Output: 71 dBc
    Low Glitch Impulse: 35 pV-s
    Power Dissipation: 465 mW
    On-Chip 2.5 V Reference
    Edge-Triggered Latches
    Multiplying Reference Capability

APPLICATIONS
    Arbitrary Waveform Generation
    Communications Waveform Reconstruction
    Vector Stroke Display




Similar Part No. - AD768

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD768 AD-AD768 Datasheet
334Kb / 20P
16-Bit, 30 MSPS D/A Converter
REV.B
AD768-EB AD-AD768-EB Datasheet
334Kb / 20P
16-Bit, 30 MSPS D/A Converter
REV.B
AD7680 AD-AD7680 Datasheet
200Kb / 11P
3mW, 100kSPS,16-Bit ADC in 6 Lead SOT-23
AD7680 AD-AD7680 Datasheet
480Kb / 20P
3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
6/04-Revision 0
AD7680 AD-AD7680 Datasheet
526Kb / 24P
16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
More results


Similar Description - AD768

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD768 AD-AD768 Datasheet
334Kb / 20P
16-Bit, 30 MSPS D/A Converter
REV.B
logo
Fairchild Semiconductor
SPT7853 FAIRCHILD-SPT7853 Datasheet
70Kb / 10P
TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
logo
Analog Devices
AD9726 AD-AD9726 Datasheet
613Kb / 24P
16-Bit, 600 MSPS D/A Converter
11/05-Rev. 0 to Rev. A
AD10678 AD-AD10678 Datasheet
673Kb / 10P
16-Bit, 80 MSPS A/D Converter
12/03-Data sheet changed from REV. 0 to REV.A
AD10677 AD-AD10677 Datasheet
643Kb / 10P
16-Bit, 65 MSPS A/D Converter
12/03-Data sheet changed from REV. A to REV.B
logo
Intersil Corporation
HI-5701883 INTERSIL-HI-5701883 Datasheet
61Kb / 8P
6-Bit, 30 MSPS Flash A/D Converter
June 1994
logo
Cadeka Microcircuits LL...
SPT7853 CADEKA-SPT7853 Datasheet
175Kb / 10P
TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
logo
Analog Devices
AD768 AD-AD768_15 Datasheet
337Kb / 20P
16-Bit, 30 MSPS D/A Converter
REV. B
AD10677 AD-AD10677_15 Datasheet
625Kb / 20P
16-Bit, 65 MSPS A/D Converter
Rev. D
AD10678 AD-AD10678_15 Datasheet
677Kb / 20P
16-Bit, 80 MSPS A/D Converter
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com