Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL1187 Datasheet (PDF) - Anpec Electronics Coropration

APL1187 Datasheet PDF - Anpec Electronics Coropration
Part # APL1187
Download  APL1187 Download
File Size   153.24 Kbytes
Page   9 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 600mA Low Dropout Fast Response Positive Fixed 1.2V Regulator

APL1187 Datasheet (PDF)

Go To PDF Page Download Datasheet
APL1187 Datasheet PDF - Anpec Electronics Coropration

Part # APL1187
Download  APL1187 Click to download

File Size   153.24 Kbytes
Page   9 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 600mA Low Dropout Fast Response Positive Fixed 1.2V Regulator

APL1187 Datasheet (HTML) - Anpec Electronics Coropration


APL1187 Product details

General Description
The APL1187 is a low dropout three-terminal adjustable regulators with 0.6A output current capability. In order to obtain lower dropout voltage and faster transient response, which is critical for low voltage applications, the APL1187 has been optimized.

Features
• Guaranteed Output Voltage Accuracy within 2%
• Fast Transient Response
• Guaranteed Dropout Voltage at Multiple Currents
• Load Regulation : 0.4% Typ.
• Line Regulation : 1mV Typ.
• Low Dropout Voltage : 1.4V Typ. at IOUT = 600mA
• Current Limit : 0.8A Min. at TJ=25°C
• On-Chip Thermal Limiting : 150°C Typ.
• Fixed Output : 1.2V
• Standard 3-pin, SOT-89 and SOT-223 Package
• Lead Free Available (RoHS Compliant)

Applications
• Voltage Regulator for CD-ROM Drivers
• Voltage Regulator for LAN Cards
• Voltage Regulator for mother Boards
• Wireless Communication Systems
• Portable Instrument
• Portable Consumer Equipment
• Low Voltage Systems




Similar Part No. - APL1187

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APL1108P ETC-APL1108P Datasheet
104Kb / 4P
Shielded Construction - DIP / APL Series
APL1108P-1R0M ETC-APL1108P-1R0M Datasheet
104Kb / 4P
Shielded Construction - DIP / APL Series
APL1108P-1R0M-C ETC-APL1108P-1R0M-C Datasheet
104Kb / 4P
Shielded Construction - DIP / APL Series
APL1108P-1R5M ETC-APL1108P-1R5M Datasheet
104Kb / 4P
Shielded Construction - DIP / APL Series
APL1108P-1R5M-C ETC-APL1108P-1R5M-C Datasheet
104Kb / 4P
Shielded Construction - DIP / APL Series
More results


Similar Description - APL1187

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LT1585A ONSEMI-LT1585A Datasheet
152Kb / 9P
5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR
1999 Rev 0
logo
STMicroelectronics
LD1585C STMICROELECTRONICS-LD1585C Datasheet
501Kb / 17P
5A LOW DROPOUT FAST RESPONSE POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
Sep-2003
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084 Datasheet
241Kb / 12P
5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1117D ANPEC-APL1117D Datasheet
114Kb / 11P
1A Low Dropout Fast Response Positive Regulator Fixed 3.3V and 5.0V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
STMicroelectronics
LD1585C STMICROELECTRONICS-LD1585C_05 Datasheet
439Kb / 25P
5A Low dropout fast response positive voltage regulator adjustable and fixed
08-Jun-2007
logo
Anpec Electronics Corop...
APL1085 ANPEC-APL1085 Datasheet
546Kb / 11P
3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1085 ANPEC-APL1085_12 Datasheet
199Kb / 12P
3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com