Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7116 Datasheet (PDF) - Anpec Electronics Coropration

APW7116 Datasheet PDF - Anpec Electronics Coropration
Part # APW7116
Download  APW7116 Download
File Size   481.42 Kbytes
Page   29 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3-in-1 Dual PWM Buck and LinearDDR Power Controller

APW7116 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7116 Datasheet PDF - Anpec Electronics Coropration

Part # APW7116
Download  APW7116 Click to download

File Size   481.42 Kbytes
Page   29 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3-in-1 Dual PWM Buck and LinearDDR Power Controller

APW7116 Datasheet (HTML) - Anpec Electronics Coropration


APW7116 Product details

General Description
The APW7116 integrates Dual PWM buck controllers and an internal linear regulator for DDR memory and MCH power solution. The two synchronous PWM buck controllers drive four N-channel MOSFETs for DDR memory supply voltage (VDDQ) and MCH regulator. The internal regulator is designed to track at the half of the reference voltage with sourcing and sinking current for DDR memory termination regulator (VTT).

Features
• Provide Synchronous Rectified Buck PWM Controllers for VDDQ and VMCH
• Integrated Power FETs with VTT Regulator Source/Sink up to 2.0A
• Drive Low Cost N-Channel Power MOSFETs
• Internal 0.8V Reference Voltage for Adjustable VDDQ and VMCH
• Thermal Shutdown
• VTT Tracks at Half the Reference Voltage
• Fixed Switching Frequency of 250kHz for VDDQ and VMCH
• Over-Current Protection and Under-Voltage Protection for VDDQ and VMCH
• Fully Complies with ACPI Power Sequencing Specifications
• 180 degrees Phase Shift between VDDQ and VMCH
• Power-OK Function for VDDQ and VMCH
• Fast Transient Response
    - Maximum Duty Cycle 90%
    - High-Bandwidth Error Amplifier
• Simple Single-Loop Control Design
    - Voltage Mode PWM Control
    - External Compensation
• External Soft-Start for VDDQ and VMCH
• Shutdown Function for VDDQ/VTT and VMCH
• Thermally Enhanced TSSOP-24P Package
• Lead Free and Green Devices Available(RoHS Compliant)

Applications
• DDR Memory and MCH Power Supply




Similar Part No. - APW7116

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
1.5MHz, 600mA, Synchronous Buck Regulator
APW7101-15 ANPEC-APW7101-15 Datasheet
341Kb / 16P
1.5MHz, 600mA, Synchronous Buck Regulator
APW7101-15BI-TRG ANPEC-APW7101-15BI-TRG Datasheet
341Kb / 16P
1.5MHz, 600mA, Synchronous Buck Regulator
APW7101-15BI-TRL ANPEC-APW7101-15BI-TRL Datasheet
341Kb / 16P
1.5MHz, 600mA, Synchronous Buck Regulator
APW7101-18 ANPEC-APW7101-18 Datasheet
341Kb / 16P
1.5MHz, 600mA, Synchronous Buck Regulator
More results


Similar Description - APW7116

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
Dual Regulator - Standard Buck PWM and Linear Power Controller
December 28, 2004
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
April 12, 2005
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
December 28, 2004
logo
ON Semiconductor
NCP5210 ONSEMI-NCP5210 Datasheet
171Kb / 18P
3-in-1 PWM Dual Buck and Linear DDR Power Controller
January, 2005 ??Rev. 4
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
Dual Regulator - Standard Buck PWM and Linear Power Controller
March 9, 2006
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
Synchronous Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5209 ONSEMI-NCP5209 Datasheet
172Kb / 20P
4-In-1 PWM Buck and Tri-Linear Power Controller
June, 2004 ??Rev. 1
NCP5220A ONSEMI-NCP5220A Datasheet
172Kb / 18P
3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
Dual Regulator - Standard Buck PWM and Linear Power Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com