Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIC1568 Datasheet (PDF) - Analog Intergrations Corporation

AIC1568 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1568
Download  AIC1568 Download
File Size   252.51 Kbytes
Page   7 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 4-bit DAC, Simple PWM Power Regulator

AIC1568 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1568 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1568
Download  AIC1568 Click to download

File Size   252.51 Kbytes
Page   7 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 4-bit DAC, Simple PWM Power Regulator

AIC1568 Datasheet (HTML) - Analog Intergrations Corporation


AIC1568 Product details

DESCRIPTION
The AIC1568 is a high power, high efficiency switching regulator controller optimized for high performance microprocessor applications. It is designed to drive an N-channel MOSFET in a standard buck topology. Featuring a digitally programmable switching regulator, the AIC1568 includes monitoring and protection capabilities in addition to all the essential PWM control functions.

FEATURE
• Compatible with HIP6008.
• Simple Voltage-Mode PWM Control.
• Fast Transient Response.
• ±1.5% 4-Bit Digital-to-Analog Output Voltage.
• Adjustable Current Limit without External Sense Resistors.
• Full 0% to 100% Duty Ratio.
• 200KHz Free-Running Oscillator, Programmable up to 350KHz.
• Power-Good Output Voltage Monitor.
• Short Circuit Protection with Low Short Circuit Output Current

APPLICATIONS
• Power Supply for Pentium®, Pentium Pro®, Power PC® and Alpha® Microprocessors.
• High-Power 5V to 3.xV DC/DC Regulators.
• Low-Voltage Distributed Power Supplies.




Similar Part No. - AIC1568

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1562 AIC-AIC1562 Datasheet
256Kb / 7P
High-Efficiency, Bootstrapped DC/DC Converter
AIC1562CN AIC-AIC1562CN Datasheet
256Kb / 7P
High-Efficiency, Bootstrapped DC/DC Converter
AIC1562CS AIC-AIC1562CS Datasheet
256Kb / 7P
High-Efficiency, Bootstrapped DC/DC Converter
AIC1563 AIC-AIC1563 Datasheet
309Kb / 10P
Versatile DC/DC Converter
AIC1563CN AIC-AIC1563CN Datasheet
309Kb / 10P
Versatile DC/DC Converter
More results


Similar Description - AIC1568

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1566 AIC-AIC1566 Datasheet
251Kb / 7P
4-bit DAC, Simple PWM Power Regulator With Linear Controller
AIC1567 AIC-AIC1567 Datasheet
237Kb / 7P
5-bit DAC, Synchronous PWM Power Regulator with Linear Controller
AIC1569A AIC-AIC1569A Datasheet
240Kb / 7P
5-bit DAC, Synchronous PWM Power Regulator
AIC1571 AIC-AIC1571 Datasheet
462Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1573 AIC-AIC1573 Datasheet
316Kb / 19P
5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
AIC1574 AIC-AIC1574 Datasheet
381Kb / 20P
5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
AIC1580 AIC-AIC1580 Datasheet
296Kb / 8P
Simple PWM Power Regulator with Shutdown
logo
Silicon Standard Corp.
SS6568 SSC-SS6568 Datasheet
470Kb / 7P
4-bit DAC, Step-Down PWM Power Controller
SS6569A SSC-SS6569A Datasheet
480Kb / 7P
5-bit DAC, Synchronous PWM Power Controller
SS6571 SSC-SS6571 Datasheet
698Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com