Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIC1580 Datasheet (PDF) - Analog Intergrations Corporation

AIC1580 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1580
Download  AIC1580 Download
File Size   296.12 Kbytes
Page   8 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Simple PWM Power Regulator with Shutdown

AIC1580 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1580 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1580
Download  AIC1580 Click to download

File Size   296.12 Kbytes
Page   8 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Simple PWM Power Regulator with Shutdown

AIC1580 Datasheet (HTML) - Analog Intergrations Corporation


AIC1580 Product details

DESCRIPTION
The AIC1580 is a high-power, high-efficiency voltage-mode switching regulator controller for motherboard VI/O power supply applications. Designed to drive a N-channel MOSFET in a standard buck topology, the AIC1580 features a high voltage CMOS output driver, short-circuit protection, and 8-pin package.

FEATURES
● Operation Voltage up to 15V.
● Simple Voltage-Mode PWM Control.
● Fast Transient Response.
● 2V and 1.3V ± 2% Feedback Voltage Reference Option.
● Adjustable Current Limit without External Sense Resistors.
● 200KHz Free-Running Oscillator.
● Short-Circuit Protection with Low Short Circuit Output Current.
● Low Shutdown Current
● Built-in Soft Start.

APPLICATIONS
● Power Supply for Motherboard VGTL (1.5V Output)
● Power Supply for Motherboard VI/O.
● High-Power 5V to 3.xV DC/DC Regulators.
● Low-Voltage Distributed Power Supplies.




Similar Part No. - AIC1580

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1515 AIC-AIC1515 Datasheet
247Kb / 11P
Dual USB High-Side Power Switch
AIC1517 AIC-AIC1517 Datasheet
187Kb / 11P
Dual USB High-Side Power Switch
AIC1518 AIC-AIC1518 Datasheet
186Kb / 11P
Dual USB High-Side Power Switch
AIC1519 AIC-AIC1519 Datasheet
187Kb / 11P
Dual USB High-Side Power Switch
AIC1520 AIC-AIC1520 Datasheet
212Kb / 7P
Single High-Side Power Switch
More results


Similar Description - AIC1580

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1566 AIC-AIC1566 Datasheet
251Kb / 7P
4-bit DAC, Simple PWM Power Regulator With Linear Controller
AIC1568 AIC-AIC1568 Datasheet
252Kb / 7P
4-bit DAC, Simple PWM Power Regulator
AIC1573 AIC-AIC1573 Datasheet
316Kb / 19P
5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
logo
National Semiconductor ...
LM2586 NSC-LM2586_05 Datasheet
1Mb / 30P
SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2586T-ADJ TI-LM2586T-ADJ Datasheet
2Mb / 38P
LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
LM2588T-5 TI1-LM2588T-5 Datasheet
2Mb / 38P
LM2588 SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
LM2588 TI1-LM2588 Datasheet
2Mb / 38P
SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com