Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL3207 Datasheet (PDF) - Anpec Electronics Coropration

APL3207 Datasheet PDF - Anpec Electronics Coropration
Part # APL3207
Download  APL3207 Download
File Size   317.16 Kbytes
Page   19 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Li Battery Charger and Low Dropout Linear Regulator Combo

APL3207 Datasheet (PDF)

Go To PDF Page Download Datasheet
APL3207 Datasheet PDF - Anpec Electronics Coropration

Part # APL3207
Download  APL3207 Click to download

File Size   317.16 Kbytes
Page   19 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Li Battery Charger and Low Dropout Linear Regulator Combo

APL3207 Datasheet (HTML) - Anpec Electronics Coropration


APL3207 Product details

General Description
The APL3207 combines a constant-current/constant-voltage linear single cell Li+ battery charger with a low drop-out linear regulator. Both charger and linear regulators can work independently. The small DFN-10 package and low external component count make the APL3207 ideally suit to portable applications.
The charger of APL3207 provides 0.7A charge current with thermal regulation protection to optimize the board design for compact size and typical thermal conditions. When the junction temperature reaches the thermal regulation threshold, the charger does not shut down but simply reduces the charge current. The charge current can be programmed by connecting an external resistor from the ISET pin to the GND. Using an external MOSFET to disconnect the resistor from the ground shuts down the charger, and reduces the input current down to 25mA. The APL3207 also has the STAT pin to indicate charge status.
The LDO regulator of APL3207 can deliver up to 150mA current and dropout voltage is only 200mV. The 4mA low quiescent current makes it ideally suit to battery-power systems. The LDO regulator also has built-in current limit and thermal shutdown protection.

Features
• Programmable Charge Current Up to 700mA
• Charge Status Output Pin
• Soft-Start Limits Inrush Current
• 4.2V Charge Termination Voltage with ±1% Accuracy
• 45mA Pre-charge Current (RSET=2k)
• Thermal Regulation of Charge Current Simplifies Board Design
• Charger Enable/Disable Control
• Ultra Low Regulator Quiescent Current: 4mA
• Fixed LDO Regulator Output Voltage: 3.3V
• Low Regulator Dropout Voltage: 200mV@150mA
• LDO Regulator Current Limit Protection
• LDO Regulator Short Circuit Current Limit
• LDO Regulator Thermal Protection
• Small 3mmx3mm DFN 10-Pin (DFN-10) Package
• Lead Free and Green Devices Available (RoHS Compliant)

Applications
• PDAs
• MP3 Players
• Cell Phones
• Wireless Appliances




Similar Part No. - APL3207

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3200 ANPEC-APL3200 Datasheet
385Kb / 24P
Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
APL3200QAI-TRG ANPEC-APL3200QAI-TRG Datasheet
385Kb / 24P
Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
APL3200QBI-TRG ANPEC-APL3200QBI-TRG Datasheet
385Kb / 24P
Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
APL3201 ANPEC-APL3201 Datasheet
255Kb / 16P
Li Battery Charger with Thermal Regulation
APL3201QAI-TRG ANPEC-APL3201QAI-TRG Datasheet
255Kb / 16P
Li Battery Charger with Thermal Regulation
More results


Similar Description - APL3207

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6291 INTERSIL-ISL6291 Datasheet
357Kb / 11P
Li-ion/Li Polymer Linear Battery Charger
May 2, 2005
logo
Linear Technology
LTC4063 LINER-LTC4063 Datasheet
212Kb / 20P
Standalone Linear Li-Ion Charger with Micropower Low Dropout Linear Regulator
LTC4063 LINER-LTC4063_15 Datasheet
297Kb / 20P
Standalone Linear Li-Ion Charger with Micropower Low Dropout Linear Regulator
logo
Renesas Technology Corp
ISL6291 RENESAS-ISL6291 Datasheet
548Kb / 11P
Li-ion/Li Polymer Linear Battery Charger
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
Linear Li-Ion Battery Charger
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
Linear Li-Ion Battery Charger
logo
SHOUDING Shouding Semic...
SD8001 SHOUDING-SD8001 Datasheet
1Mb / 11P
Linear Li-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4056F HMSEMI-HM4056F Datasheet
2Mb / 12P
Linear Li-Ion Battery Charger
HM4056G HMSEMI-HM4056G Datasheet
2Mb / 12P
Linear Li-Ion Battery Charger
HM4040DR HMSEMI-HM4040DR Datasheet
339Kb / 5P
Linear Li-ion battery charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com