Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL3207 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL3207
Description  Li Battery Charger and Low Dropout Linear Regulator Combo
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3207 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL3207 Datasheet HTML 1Page - Anpec Electronics Coropration APL3207 Datasheet HTML 2Page - Anpec Electronics Coropration APL3207 Datasheet HTML 3Page - Anpec Electronics Coropration APL3207 Datasheet HTML 4Page - Anpec Electronics Coropration APL3207 Datasheet HTML 5Page - Anpec Electronics Coropration APL3207 Datasheet HTML 6Page - Anpec Electronics Coropration APL3207 Datasheet HTML 7Page - Anpec Electronics Coropration APL3207 Datasheet HTML 8Page - Anpec Electronics Coropration APL3207 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APL3207
www.anpec.com.tw
2
Ordering and Marking Information
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VIN, VLDOIN
VIN, VLDOIN to GND Voltage
-0.3 to 7
V
VSET, VSTAT, VBATT ISET, STAT, BATT to GND Voltage
-0.3 to 7
V
ICHG
Charge Current
800
mA
PD
Power Dissipation
Internally Limited
W
TJ
Maximum Junction Temperature
-40 to 150
oC
TSTG
Storage Temperature Range
-65 to 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction to Ambient Resistance in Free Air
DFN3x3-10
50
°C/W
Thermal Characteristic (Note 2)
Note 2 :
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. The exposed
pad of DFN-10 is doldered directly on the PCB.
Package Code
QA : DFN3x3-10
Operating Ambient Temperature Range
I : - 40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
L : Lead Free Device
G : Halogen and Lead Free Device
APL3207
Handling Code
Temperature Range
Package Code
APL
3207
XXXXX
APL3207 QA :
XXXXX - Date Code
Assembly Material
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020C for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Symbol
Parameter
Range
Unit
VIN
VIN to GND Voltage
4.35 to 6.5
V
I
CHG
Charge Current
0.1 to 0.7
A
VLDOIN
LDOIN to GND Voltage
3.6 to 6.5
V
ILDO
LDO Output Current
0 to 0.15
A
TA
Ambient Temperature
-40 to 85
oC
TJ
Junction Temperature
-40 to 125
oC
Recommended Operating Conditions (Note 3)
Note 3 : Refer to the typical application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com