Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL3207 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL3207
Description  Li Battery Charger and Low Dropout Linear Regulator Combo
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3207 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL3207 Datasheet HTML 9Page - Anpec Electronics Coropration APL3207 Datasheet HTML 10Page - Anpec Electronics Coropration APL3207 Datasheet HTML 11Page - Anpec Electronics Coropration APL3207 Datasheet HTML 12Page - Anpec Electronics Coropration APL3207 Datasheet HTML 13Page - Anpec Electronics Coropration APL3207 Datasheet HTML 14Page - Anpec Electronics Coropration APL3207 Datasheet HTML 15Page - Anpec Electronics Coropration APL3207 Datasheet HTML 16Page - Anpec Electronics Coropration APL3207 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APL3207
www.anpec.com.tw
13
Function Description (Cont.)
Charge Status Output (STAT) (Cont.)
STAT
Output
Mode
VIN
VBATT
VSET
Low
Charge mode
VIN>VUVLO
&
VIN>VBATT+
VASD
VBATT<4.2V
0.1V<VSET<1.2V
Shutdown mode
-
VSET>1.2V
Standby mode
VIN>VUVLO
&
VIN>VBATT+
VASD
VBATT>4.2V
-
High
Sleep mode
VIN<VUVLO
or
VIN<VBATT+
VASD
Battery is
connected
-
LDO Regulator
Table1. STAT Pin Summary
The APL3207 has been built in a regulator whose output
voltage is fixed at 3.3V. When the system is powered by a
battery, the regulator is fully powered by the battery;
however, when the battery is charged, the regulator input
is switched to the USB or adapter (by using external circuit)
and powered by the USB or adapter, which reduces the
charging time.
Regulator Current Limit and Short Circuit
The APL3207 includes a current limit circuitry for LDO
regulator. The current limit circuitry senses the output
current and limits the maximum output current to prevent
the APL 3207 and external loads frorm being damaged.
The point where limitation occurs is I
LDO=300mA (typical).
When the output is shortened to the ground, the regulator
reduces the current-limit threshold down to 50mA (typical).
The output can be shortened to the ground for an indefi-
nite amount of time without damaging the part.
Regulator Thermal Protection
The LDO regulator has a built-in thermal protection
function. When the junction temperature exceeds +135oC,
the thermal sensor generates a logic signal to turn off the
regulator which makes the die cool down. When the junc-
tion temperature cools down by 20oC, the thermal sen-
sor turns the regulator on again, resulting in a pulsed
output during continuous thermal protection. Thermal pro-
tection is designed to protect the IC in the event of fault
conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com