Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3325-Y Datasheet (PDF) - Toshiba Semiconductor

2SC3325-Y Datasheet PDF - Toshiba Semiconductor
Part # 2SC3325-Y
Download  2SC3325-Y Download
File Size   144.18 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency Low Power Amplifier Applications

2SC3325-Y Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3325-Y Datasheet PDF - Toshiba Semiconductor

Part # 2SC3325-Y
Download  2SC3325-Y Click to download

File Size   144.18 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency Low Power Amplifier Applications

2SC3325-Y Datasheet (HTML) - Toshiba Semiconductor


2SC3325-Y Product details

Audio Frequency Low Power Amplifier Applications
Driver Stage Amplifier Applications
Switching Applications



•  Excellent hFElinearity : hFE (2)= 25 (min) (VCE= 6 V, IC= 400 mA)

•  High voltage: VCEO= 50 V (min)

•  Complementary to 2SA1313

•  Small package




Similar Part No. - 2SC3325-Y

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3325-HF KEXIN-2SC3325-HF_15 Datasheet
1Mb / 2P
NPN Transistors
More results


Similar Description - 2SC3325-Y

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSD880 CDIL-CSD880 Datasheet
185Kb / 3P
Audio Frequency Power Amplifier Applications
logo
Toshiba Semiconductor
2SJ338 TOSHIBA-2SJ338_07 Datasheet
125Kb / 3P
Audio-Frequency Power Amplifier Applications
16-Nov-2006
2SA1358 TOSHIBA-2SA1358_07 Datasheet
120Kb / 4P
Audio Frequency Power Amplifier Applications
09-Nov-2006
2SB1667 TOSHIBA-2SB1667_09 Datasheet
178Kb / 5P
Audio Frequency Power Amplifier Applications
2SD2012 TOSHIBA-2SD2012_09 Datasheet
133Kb / 5P
Audio Frequency Power Amplifier Applications
2SD2012FM TOSHIBA-2SD2012FM Datasheet
133Kb / 5P
Audio Frequency Power Amplifier Applications
2SA1313-Y TOSHIBA-2SA1313-Y Datasheet
198Kb / 4P
Audio Frequency Low Power Amplifier Applications
2SC2859Y TOSHIBA-2SC2859Y Datasheet
141Kb / 3P
Audio Frequency Low Power Amplifier Applications
01-Nov-2007
2SD1353 TOSHIBA-2SD1353 Datasheet
177Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS.
2SD1354 TOSHIBA-2SD1354 Datasheet
189Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com