Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7663 Datasheet (PDF) - Analog Devices

AD7663 Datasheet PDF - Analog Devices
Part # AD7663
Download  AD7663 Download
File Size   426.71 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 250 kSPS CMOS ADC

AD7663 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7663 Datasheet PDF - Analog Devices

Part # AD7663
Download  AD7663 Click to download

File Size   426.71 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 250 kSPS CMOS ADC

AD7663 Datasheet (HTML) - Analog Devices


AD7663 Product details

GENERAL DESCRIPTION
The AD7663 is a 16-bit, 250 kSPS, charge redistribution SAR, analog-to-digital converter that operates from a single 5 V power supply. It contains a high speed 16-bit sampling ADC, a resistor input scaler that allows various input ranges, an internal conversion clock, error correction circuits, and both serial and parallel system interface ports.
The AD7663 is hardware factory-calibrated and is comprehensively tested to ensure such ac parameters as signal-to-noise ratio (SNR) and total harmonic distortion (THD), in addition to the more traditional dc parameters of gain, offset, and linearity.
It is fabricated using Analog Devices’ high performance, 0.6 micron CMOS process and is available in a 48-lead LQFP and a tiny 48-lead LFCSP with operation specified from –40°C to +85°C.

FEATURES
   Throughput: 250 kSPS
   INL: ±3 LSB Max (±0.0046% of Full Scale)
   16-Bit Resolution with No Missing Codes
   S/(N+D): 90 dB Typ @ 100 kHz
   THD: –100 dB Typ @ 100 kHz
   Analog Input Voltage Ranges
      Bipolar: ±10 V, ±5 V, ±2.5 V
      Unipolar: 0 V to 10 V, 0 V to 5 V, 0 V to 2.5 V
   Both AC and DC Specifications
   No Pipeline Delay
   Parallel (8/16 Bits) and Serial 5 V/3 V Interface
   SPI®/QSPI™/MICROWIRE™/DSP Compatible
   Single 5 V Supply Operation
   Power Dissipation
      35 mW Typical
      15 μW @ 100 SPS
   Power-Down Mode: 7 μW Max
   Package: 48-Lead Quad Flatpack (LQFP)
   Package: 48-Lead Chip Scale (LFCSP)
   Pin-to-Pin Compatible with the AD7660/AD7664/AD7665
  
APPLICATIONS
   Data Acquisition
   Motor Control
   Communication
   Instrumentation
   Spectrum Analysis
   Medical Instruments
   Process Control




Similar Part No. - AD7663

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7663 AD-AD7663 Datasheet
336Kb / 23P
16-Bit 1 MSPS SAR Unipolar ADC with Ref
AD7663 AD-AD7663 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7663 AD-AD7663 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7663 AD-AD7663 Datasheet
1Mb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
7/03-Revision 0
AD7663 AD-AD7663 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
More results


Similar Description - AD7663

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7660 AD-AD7660 Datasheet
218Kb / 20P
16-Bit, 100 kSPS CMOS ADC
REV.0
AD7664 AD-AD7664 Datasheet
392Kb / 19P
16-Bit, 570 kSPS CMOS ADC
REV.0
AD7665 AD-AD7665 Datasheet
348Kb / 24P
16-Bit, 570 kSPS CMOS ADC
REV.0
AD7663ASTZRL AD-AD7663ASTZRL Datasheet
426Kb / 24P
16-Bit, 250 kSPS CMOS ADC
REV. B
AD7665ACPZ AD-AD7665ACPZ Datasheet
355Kb / 23P
16-Bit, 570 kSPS CMOS ADC
REV. C
AD7722ASZ AD-AD7722ASZ Datasheet
386Kb / 24P
16-Bit, 195 kSPS CMOS,-ADC
REV. B
AD7663 AD-AD7663_15 Datasheet
426Kb / 24P
16-Bit, 250 kSPS CMOS ADC
REV. B
AD7665 AD-AD7665_15 Datasheet
355Kb / 23P
16-Bit, 570 kSPS CMOS ADC
REV. C
AD7663 AD-AD7663 Datasheet
477Kb / 25P
16-Bit, 250 kSPS CMOS ADC
23-Feb-2017
AD7665 AD-AD7665_17 Datasheet
413Kb / 24P
16-Bit, 570 kSPS CMOS ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com