Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7663 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7663
Description  16-Bit, 250 kSPS CMOS ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7663 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7663 Datasheet HTML 5Page - Analog Devices AD7663 Datasheet HTML 6Page - Analog Devices AD7663 Datasheet HTML 7Page - Analog Devices AD7663 Datasheet HTML 8Page - Analog Devices AD7663 Datasheet HTML 9Page - Analog Devices AD7663 Datasheet HTML 10Page - Analog Devices AD7663 Datasheet HTML 11Page - Analog Devices AD7663 Datasheet HTML 12Page - Analog Devices AD7663 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
REV. B
AD7663
–9–
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
0
16384
32768
49152
65536
CODE
TPC 1. Integral Nonlinearity vs. Code
50
45
40
35
30
25
20
15
10
5
0
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.1
2.7
POSITIVE INL – LSB
TPC 2. Typical Positive INL Distribution (446 Units)
80
70
60
50
40
30
20
10
0
–3
–2.7
–2.4
–2.1
–1.8 –1.5
–1.2
–0.9
–0.6 –0.3
NEGATIVE INL – LSB
TPC 3. Typical Negative INL Distribution (446 Units)
Typical Performance Characteristics–
00
33
1800
6802 6745
1000
40
0
8000
7000
6000
5000
4000
3000
2000
1000
0
7FFD 7FFE 7FFF 8000 8001 8002 8003 8004 8004 8005
CODE IN HEXA
TPC 4. Histogram of 16,384 Conversions of a DC Input
at the Code Transition
00
2
233
3944
8032
3902
271
00
0
9000
8000
7000
6000
5000
4000
3000
2000
1000
0
7FFC 7FFD 7FFE 7FFF 8000 8001 8002 8003 8004 8005 8006
CODE IN HEXA
TPC 5. Histogram of 16,384 Conversions of a DC Input
at the Code Center
–0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
25
50
75
100
125
FREQUENCY – kHz
4096 POINT FFT
FS = 250kHz
fIN = 45kHz, –0.5dB
SNR = 90.1dB
SINAD = 89.8dB
THD = –100.5dB
SFDR = 102.7dB
TPC 6. FFT Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com