Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7663 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7663
Description  16-Bit, 250 kSPS CMOS ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7663 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7663 Datasheet HTML 8Page - Analog Devices AD7663 Datasheet HTML 9Page - Analog Devices AD7663 Datasheet HTML 10Page - Analog Devices AD7663 Datasheet HTML 11Page - Analog Devices AD7663 Datasheet HTML 12Page - Analog Devices AD7663 Datasheet HTML 13Page - Analog Devices AD7663 Datasheet HTML 14Page - Analog Devices AD7663 Datasheet HTML 15Page - Analog Devices AD7663 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
REV. B
AD7663
–12–
SWA
COMP
SWB
IND
4R
REF
REFGND
LSB
MSB
32,768C
INGND
16,384C
4C
2C
CC
CONTROL
LOGIC
SWITCHES
CONTROL
BUSY
OUTPUT
CODE
INC
4R
INA
R
INB
2R
CNVST
65,536C
Figure 3. ADC Simplified Schematic
Table III. Output Codes and Ideal Input Voltages
Digital Output
Code (Hexa)
Straight Twos
Description
Analog Input
Binary
Complement
Full-Scale Range
1
±10 V
±5 V
±2.5 V
0 V to 10 V
0 V to 5 V
0 V to 2.5 V
Least Significant Bit 305.2 µV
152.6 µV
76.3 µV
152.6 µV
76.3 µV
38.15 µV
FSR – 1 LSB
9.999695 V
4.999847 V
2.499924 V
9.999847 V
4.999924 V 2.499962 V
FFFF
2
7FFF
2
Midscale + 1 LSB
305.2 µV
152.6 µV
76.3 µV
5.000153 V
2.570076 V 1.257038 V
8001
0001
Midscale
0 V
0 V
0 V
5 V
2.5 V
1.25 V
8000
0000
Midscale – 1 LSB
–305.2 µV
–152.6 µV
–76.3 µV
4.999847 V
2.499924 V 1.249962 V
7FFF
FFFF
–FSR + 1 LSB
–9.999695 V –4.999847 V –2.499924 V 152.6 µV
76.3 µV
38.15 µV
0001
8001
–FSR
–10 V
–5 V
–2.5 V
0 V
0 V
0 V
0000
3
8000
3
NOTES
1Values with REF = 2.5 V, with REF = 3 V, all values will scale linearly.
2This is also the code for an overrange analog input.
3This is also the code for an underrange analog input.
000...000
000...001
000...010
111...101
111...110
111...111
ANALOG INPUT
+FS – 1.5 LSB
+FS – 1 LSB
–FS + 1 LSB
–FS
–FS + 0.5 LSB
Figure 4. ADC Ideal Transfer Function
Transfer Functions
Using the OB/
2C digital input, the AD7663 offers two output
codings: straight binary and twos complement. The ideal transfer
characteristic for the AD7663 is shown in Figure 4 and Table III.
TYPICAL CONNECTION DIAGRAM
Figure 5 shows a typical connection diagram for the AD7663.
Different circuitry shown on this diagram is optional and is
discussed in the figure’s notes.
Analog Inputs
The AD7663 is specified to operate with six full-scale analog
input ranges. Connections required for each of the four analog
inputs, IND, INC, INB, and INA, and the resulting full-scale
ranges are shown in Table I. The typical input impedance for
each analog input range is also shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com