Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8005AR Datasheet (PDF) - Analog Devices

AD8005AR Datasheet PDF - Analog Devices
Part # AD8005AR
Download  AD8005AR Download
File Size   171.5 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 270 MHz, 400 mA Current Feedback Amplifier

AD8005AR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8005AR Datasheet PDF - Analog Devices

Part # AD8005AR
Download  AD8005AR Click to download

File Size   171.5 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 270 MHz, 400 mA Current Feedback Amplifier

AD8005AR Datasheet (HTML) - Analog Devices


AD8005AR Product details

GENERAL DESCRIPTION
The AD8005 is an ultralow power, high speed amplifier with a wide signal bandwidth of 170 MHz and slew rate of 280 V/μs. This performance is achieved while consuming only 400 μA of quiescent supply current. These features increase the operating time of high speed battery powered systems without reducing dynamic performance.
   
FEATURES
    Ultralow power
        400 μA power supply current (4 mW on ±5 VS)
        Specified for single supply operation
    High speed
        270 MHz, −3 dB bandwidth (G = +1)
        170 MHz, −3 dB bandwidth (G = +2)
        280 V/μs slew rate (G = +2)
        28 ns settling time to 0.1%, 2 V step (G = +2)
    Low distortion/noise
        −63 dBc at 1 MHz, VO = 2 V p-p
        −50 dBc at 10 MHz, VO = 2 V p-p
        4.0 nV/√Hz input voltage noise at 10 MHz
    Good video specifications (RL = 1 kΩ, G = +2)
        Gain flatness 0.1 dB to 30 MHz
        0.11% differential gain error
        0.4° differential phase error
   
APPLICATIONS
    Signal conditioning
    A/D buffer
    Power sensitive, high speed systems
        Battery powered equipment
        Loop/remote power systems
        Communication or video test systems
        Portable medical instruments
   




Similar Part No. - AD8005AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8005AR AD-AD8005AR Datasheet
183Kb / 12P
270 MHz, 400 uA Current Feedback Amplifier
REV.A
AD8005AR-EBZ AD-AD8005AR-EBZ Datasheet
375Kb / 16P
270 MHz, 400 μA Current Feedback Amplifier
Rev. B
AD8005AR-REEL AD-AD8005AR-REEL Datasheet
183Kb / 12P
270 MHz, 400 uA Current Feedback Amplifier
REV.A
AD8005AR-REEL7 AD-AD8005AR-REEL7 Datasheet
183Kb / 12P
270 MHz, 400 uA Current Feedback Amplifier
REV.A
AD8005ART-EBZ AD-AD8005ART-EBZ Datasheet
375Kb / 16P
270 MHz, 400 μA Current Feedback Amplifier
Rev. B
More results


Similar Description - AD8005AR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6181 NSC-LM6181 Datasheet
1Mb / 23P
100 mA, 100 MHz Current Feedback Amplifier
LM6182 NSC-LM6182 Datasheet
1Mb / 24P
Dual 100 mA Output, 100 MHz Current Feedback Amplifier
logo
Analog Devices
AD8005 AD-AD8005 Datasheet
183Kb / 12P
270 MHz, 400 uA Current Feedback Amplifier
REV.A
AD8011 AD-AD8011 Datasheet
219Kb / 16P
300 MHz, 1 mA Current Feedback Amplifier
REV.B
AD8005ARZ AD-AD8005ARZ Datasheet
187Kb / 12P
270 MHz, 400 關A Current Feedback Amplifier
REV. A
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
300 MHz Current Feedback Amplifier
REV. C
logo
Texas Instruments
LM6181IM-8 TI1-LM6181IM-8 Datasheet
2Mb / 40P
LM6181 100 mA, 100 MHz Current Feedback Amplifier
LM6181IMX-8 TI1-LM6181IMX-8 Datasheet
2Mb / 40P
LM6181 100 mA, 100 MHz Current Feedback Amplifier
logo
Analog Devices
AD8005 AD-AD8005_15 Datasheet
376Kb / 16P
270 MHz, 400A Current Feedback Amplifier
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com