Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2482 Datasheet (PDF) - Monolithic Power Systems

MP2482 Datasheet PDF - Monolithic Power Systems
Part # MP2482
Download  MP2482 Download
File Size   362.3 Kbytes
Page   14 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 5A, 30V, 420kHz Step-Down Converter

MP2482 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2482 Datasheet PDF - Monolithic Power Systems

Part # MP2482
Download  MP2482 Click to download

File Size   362.3 Kbytes
Page   14 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 5A, 30V, 420kHz Step-Down Converter

MP2482 Datasheet (HTML) - Monolithic Power Systems




Similar Part No. - MP2482

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2480 MPS-MP2480 Datasheet
307Kb / 12P
5V, 36V Input, 3A High Power LED Driver
MP2480DN MPS-MP2480DN Datasheet
307Kb / 12P
5V, 36V Input, 3A High Power LED Driver
MP2480DN MPS-MP2480DN Datasheet
310Kb / 6P
Hysteretic Step Down High Power LED Driver
MP2481 MPS-MP2481 Datasheet
428Kb / 12P
36V, 1.2A, 1.4MHz White LED Driver
MP2481 MPS-MP2481 Datasheet
160Kb / 4P
1.2A, 36V, 1.4MHz White LED Driver Buck/Boost Halogen Replacement Evaluation Board
More results


Similar Description - MP2482

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3132 FOSLINK-FSP3132 Datasheet
198Kb / 6P
PWM CONTROL 5A STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
5A, 36V, 500kHz Step-Down Converter
RT8289 RICHTEK-RT8289 Datasheet
337Kb / 13P
5A, 32V, 500kHz Step-Down Converter
logo
Monolithic Power System...
MP2380 MPS-MP2380 Datasheet
371Kb / 11P
5A, 21V, 600KHz Step-Down Converter
MP8670 MPS-MP8670 Datasheet
494Kb / 15P
6A, 30V, 420KHz Step-Down Converter with Synchronizable Gate Driver
MP38891 MPS-MP38891 Datasheet
399Kb / 13P
6A, 30V, 420kHz Step-Down Converter with Synchronizable Gate Driver
MP38892 MPS-MP38892 Datasheet
368Kb / 10P
6A, 42V, 420KHz Step-Down Converter with Synchronizable Gate Driver
MP38894 MPS-MP38894 Datasheet
405Kb / 10P
4.5A, 42V, 420kHz Step-Down Converter with Synchronizable Gate Driver
logo
Texas Instruments
LM73605 TI1-LM73605 Datasheet
114Kb / 9P
5A Synchronous Step-Down Voltage Converter
logo
Eutech Microelectronics...
EUP3489 EUTECH-EUP3489 Datasheet
568Kb / 1P
5A,30V,500KHz Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com