Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2482 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2482
Description  5A, 30V, 420kHz Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2482 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2482 Datasheet HTML 1Page - Monolithic Power Systems MP2482 Datasheet HTML 2Page - Monolithic Power Systems MP2482 Datasheet HTML 3Page - Monolithic Power Systems MP2482 Datasheet HTML 4Page - Monolithic Power Systems MP2482 Datasheet HTML 5Page - Monolithic Power Systems MP2482 Datasheet HTML 6Page - Monolithic Power Systems MP2482 Datasheet HTML 7Page - Monolithic Power Systems MP2482 Datasheet HTML 8Page - Monolithic Power Systems MP2482 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP2482
5A, 30V, 420kHz
Step-Down Converter
MP2482 Rev.1.4
www.MonolithicPower.com
1
9/21/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2482 is a monolithic step-down switch
mode converter with a built in internal power
MOSFET. It achieves 5A continuous output
current over a wide input supply range with
excellent load and line regulation.
Current mode operation provides fast transient
response and eases loop stabilization.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown.
The MP2482 requires a minimum number of
readily available standard external components
and is available in 8-pin SOIC package with and
without exposed pad.
FEATURES
• Wide 4.5V to 30V Operating Input Range
• 5A Output Current
• 50mΩ Internal Power MOSFET Switch
• Power Good Indicator
• Fixed 420kHz Frequency
• Synchronizable up to 1.5MHz
• Cycle-by-Cycle Over Current Protection with
hiccup
• Thermal Shutdown
• Output Adjustable from 0.81V
• Stable with Low ESR Output Ceramic
Capacitors
• Available in 8-Pin SOIC Package and
Thermally Enhanced 8-Pin SOIC Package
APPLICATIONS
•
Digital Set Top Boxes
•
Personal Video Recorders
•
Broadband Communications
•
Flat Panel Television and Monitors
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2482 SW
FB
BST
1
5
4
2
GND
IN
EN/SYNC
VOUT
3.3V @ 5A
VCC
D1
B530C
VIN
OFF ON
PG
VCC
8
7
6
3
Efficiency vs Output Current
VOUT=3.3V
OUTPUT CURRENT (A)
1
234
5
70
75
80
85
90
95
100
VIN=5V
VIN=30V
VIN=12V


Similar Part No. - MP2482

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2480 MPS-MP2480 Datasheet
307Kb / 12P
5V, 36V Input, 3A High Power LED Driver
MP2480DN MPS-MP2480DN Datasheet
307Kb / 12P
5V, 36V Input, 3A High Power LED Driver
MP2480DN MPS-MP2480DN Datasheet
310Kb / 6P
Hysteretic Step Down High Power LED Driver
MP2481 MPS-MP2481 Datasheet
428Kb / 12P
36V, 1.2A, 1.4MHz White LED Driver
MP2481 MPS-MP2481 Datasheet
160Kb / 4P
1.2A, 36V, 1.4MHz White LED Driver Buck/Boost Halogen Replacement Evaluation Board
More results

Similar Description - MP2482

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3132 FOSLINK-FSP3132 Datasheet
198Kb / 6P
PWM CONTROL 5A STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
5A, 36V, 500kHz Step-Down Converter
RT8289 RICHTEK-RT8289 Datasheet
337Kb / 13P
5A, 32V, 500kHz Step-Down Converter
logo
Monolithic Power System...
MP2380 MPS-MP2380 Datasheet
371Kb / 11P
5A, 21V, 600KHz Step-Down Converter
MP8670 MPS-MP8670 Datasheet
494Kb / 15P
6A, 30V, 420KHz Step-Down Converter with Synchronizable Gate Driver
MP38891 MPS-MP38891 Datasheet
399Kb / 13P
6A, 30V, 420kHz Step-Down Converter with Synchronizable Gate Driver
MP38892 MPS-MP38892 Datasheet
368Kb / 10P
6A, 42V, 420KHz Step-Down Converter with Synchronizable Gate Driver
MP38894 MPS-MP38894 Datasheet
405Kb / 10P
4.5A, 42V, 420kHz Step-Down Converter with Synchronizable Gate Driver
logo
Texas Instruments
LM73605 TI1-LM73605 Datasheet
114Kb / 9P
5A Synchronous Step-Down Voltage Converter
logo
Eutech Microelectronics...
EUP3489 EUTECH-EUP3489 Datasheet
568Kb / 1P
5A,30V,500KHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com