Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2482 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2482
Description  5A, 30V, 420kHz Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2482 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2482 Datasheet HTML 6Page - Monolithic Power Systems MP2482 Datasheet HTML 7Page - Monolithic Power Systems MP2482 Datasheet HTML 8Page - Monolithic Power Systems MP2482 Datasheet HTML 9Page - Monolithic Power Systems MP2482 Datasheet HTML 10Page - Monolithic Power Systems MP2482 Datasheet HTML 11Page - Monolithic Power Systems MP2482 Datasheet HTML 12Page - Monolithic Power Systems MP2482 Datasheet HTML 13Page - Monolithic Power Systems MP2482 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP2482 – 5A, 30V, 420kHZ STEP-DOWN CONVERTER
MP2482 Rev.1.4
www.MonolithicPower.com
12
9/21/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2011 MPS. All Rights Reserved.
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency of the regulator, the applicable
conditions of external BST diode are:
VOUT=5V or 3.3V; and
Duty cycle is high: D=
IN
OUT
V
V
>65%
In these cases, an external BST diode is
recommended from the output of the voltage
regulator to BST pin, as shown in Fig.5
MP2482
SW
BST
C
L
BST
COUT
5V or 3.3V
External BST Diode
IN4148
Figure 5—Add Optional External Bootstrap
Diode to Enhance Efficiency
The recommended external BST diode is
IN4148, and the BST cap is 0.1~1µF.
By using this circuit, 5V input voltage can output
3.3V and 2.5V with just 30mA load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com