Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA110-85 Datasheet (PDF) - Alpha Industries

AA110-85 Datasheet PDF - Alpha Industries
Part # AA110-85
Download  AA110-85 Download
File Size   35.21 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 5 Bit Digital Attenuator with Driver 1 dB LSB Positive Control DC-2 GHz

AA110-85 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA110-85 Datasheet PDF - Alpha Industries

Part # AA110-85
Download  AA110-85 Click to download

File Size   35.21 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 5 Bit Digital Attenuator with Driver 1 dB LSB Positive Control DC-2 GHz

AA110-85 Datasheet (HTML) - Alpha Industries


AA110-85 Product details

Description
The AA110-85 is a 5 bit, single positive control GaAs IC FET digital attenuator with driver. It is particularly suited at IF frequencies where high attenuation accuracy, low insertion loss and low intermodulation products are required. Typical applications include base station, wireless data, broadband and wireless local loop gain control circuits.

Features
■ Attenuation 1 dB Steps to 31 dB With High Accuracy
■ Single Positive Control (+5 V) for Each Bit
■ Low DC Power Consumption
■ CMOS Integrated Silicon Driver
■ Designed for Use at IF Frequencies




Similar Part No. - AA110-85

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AA110-85 SKYWORKS-AA110-85 Datasheet
791Kb / 8P
GaAs IC 5-Bit Digital Attenuator with Driver 1 dB LSB Positive Control DC-2 GHz
AA110-85LF SKYWORKS-AA110-85LF Datasheet
791Kb / 8P
GaAs IC 5-Bit Digital Attenuator with Driver 1 dB LSB Positive Control DC-2 GHz
More results


Similar Description - AA110-85

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA101-80 ALPHA-AA101-80 Datasheet
249Kb / 5P
GaAs IC 5 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
AA113-310 ALPHA-AA113-310 Datasheet
397Kb / 3P
GaAs IC 6 Bit Digital Attenuator with Driver 0.5 dB LSB Positive Control DC-1 GHz
AA260-85 ALPHA-AA260-85 Datasheet
162Kb / 5P
GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
logo
Skyworks Solutions Inc.
AA117-85 SKYWORKS-AA117-85 Datasheet
947Kb / 6P
GaAs IC 5 Bit Digital Attenuator with Driver 1 dB LSB Positive Control DC-2 GHz
logo
Alpha Industries
AD310-25 ALPHA-AD310-25 Datasheet
133Kb / 2P
GaAs IC Bit Digital Attenuator 1 dB LSB DC-2 GHz
AK002D4-24 ALPHA-AK002D4-24 Datasheet
35Kb / 2P
GaAs IC 4 Bit Digital Attenuator With Driver 1 dB LSB DC-2 GHz
logo
Skyworks Solutions Inc.
AK802D4-24 SKYWORKS-AK802D4-24 Datasheet
31Kb / 2P
GaAs IC 4 Bit Digital Attenuator With Driver 1 dB LSB DC-2 GHz
AA101-80 SKYWORKS-AA101-80_07 Datasheet
487Kb / 7P
GaAs IC 5-Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
AA110-85 SKYWORKS-AA110-85 Datasheet
791Kb / 8P
GaAs IC 5-Bit Digital Attenuator with Driver 1 dB LSB Positive Control DC-2 GHz
AA117-85 SKYWORKS-AA117-85_07 Datasheet
779Kb / 7P
GaAs IC 5-Bit Digital Attenuator with Driver 1 dB LSB Positive Control LF-2 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com