Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM028S2-A2 Datasheet (PDF) - Alpha Industries

AM028S2-A2 Datasheet PDF - Alpha Industries
Part # AM028S2-A2
Download  AM028S2-A2 Download
File Size   600.14 Kbytes
Page   4 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 26-33 GHz Surface Mount Single Balanced Up Converter Mixer

AM028S2-A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM028S2-A2 Datasheet PDF - Alpha Industries

Part # AM028S2-A2
Download  AM028S2-A2 Click to download

File Size   600.14 Kbytes
Page   4 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 26-33 GHz Surface Mount Single Balanced Up Converter Mixer

AM028S2-A2 Datasheet (HTML) - Alpha Industries


AM028S2-A2 Product details

Description
The AM028S2-A2 is a broadband millimeterwave mixer in a rugged surface mount package that is compatible with high volume solder installation. The single balanced up converter mixer is designed for use in millimeterwave communication and sensor systems as a frequency conversion stage in the transmit chain when wide dynamic range and high linearity are required.The robust ceramic surface mount package provides excellent electrical performance and a high degree of environmental protection for long-term reliability. All mixers are screened at the operating frequencies prior to shipment for guaranteed performance. Mixer is targeted for high volume millimeterwave applications such as point-to-point and point-to-multipoint wireless communications systems.

Features
■ Surface Mount Package
■ Low Conversion Loss, 7 dB
■ Low LO Power Requirement, 8 dBm
■ Wide IF Bandwidth, 0–6 GHz
■ No DC Bias Required
■ 100% RF Testing for Conversion Loss




Similar Part No. - AM028S2-A2

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AM028S1-00 ALPHA-AM028S1-00 Datasheet
90Kb / 2P
26-33 GHz GaAs MMIC Single Balanced Down Converter Mixer
AM028S1-A2 ALPHA-AM028S1-A2 Datasheet
586Kb / 4P
26-33 GHz Surface Mount Single Balanced Down Converter Mixer
More results


Similar Description - AM028S2-A2

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AM028D1-00 ALPHA-AM028D1-00 Datasheet
165Kb / 2P
26-33 GHz GaAs MMIC Double Balanced Down Converter Mixer
AM028D1-A2 ALPHA-AM028D1-A2 Datasheet
590Kb / 4P
26-33 GHz Surface Mount Double Balanced Down Converter Mixer
AM028R1-00 ALPHA-AM028R1-00 Datasheet
124Kb / 2P
26-33 GHz GaAs MMIC Image Rejection Balanced Mixer
AM028S1-00 ALPHA-AM028S1-00 Datasheet
90Kb / 2P
26-33 GHz GaAs MMIC Single Balanced Down Converter Mixer
AM028S1-A2 ALPHA-AM028S1-A2 Datasheet
586Kb / 4P
26-33 GHz Surface Mount Single Balanced Down Converter Mixer
AM038R1-00 ALPHA-AM038R1-00 Datasheet
123Kb / 2P
33-43 GHz GaAs MMIC Image Rejection Balanced Mixer
AM038S1-00 ALPHA-AM038S1-00 Datasheet
88Kb / 2P
33-43 GHz GaAs MMIC Single Balanced Down Converter Mixer
logo
TEMIC Semiconductors
U2796B TEMIC-U2796B Datasheet
150Kb / 11P
2-GHz Single Balanced Mixer
logo
ATMEL Corporation
U2796B ATMEL-U2796B Datasheet
98Kb / 10P
2-GHz Single-Balanced Mixer
logo
Analog Devices
HMC260ALC3B AD-HMC260ALC3B Datasheet
273Kb / 16P
10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
1/2018-Revision 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com