Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM038R1-00 Datasheet (PDF) - Alpha Industries

AM038R1-00 Datasheet PDF - Alpha Industries
Part # AM038R1-00
Download  AM038R1-00 Download
File Size   123.18 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 33-43 GHz GaAs MMIC Image Rejection Balanced Mixer

AM038R1-00 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM038R1-00 Datasheet PDF - Alpha Industries

Part # AM038R1-00
Download  AM038R1-00 Click to download

File Size   123.18 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 33-43 GHz GaAs MMIC Image Rejection Balanced Mixer

AM038R1-00 Datasheet (HTML) - Alpha Industries


AM038R1-00 Product details

Description
Alpha’s image rejection balanced GaAs Schottky diode mixer has a typical conversion loss of 9 dB at an LO power level as low as 8 dBm over the band 33–43 GHz. An external 90° IF hybrid is required to combine the IF1 and IF2 signals at the desired IF frequency. The chip uses Alpha’s proven Schottky diode technology, and is based upon MBE layers for the highest uniformity and repeatability. The diodes employ surface passivation to ensure a rugged, reliable part with through-substrate via holes and gold-based backside metallization to facilitate an epoxy die attach process. All chips are screened for DC diode parameters and lot samples are RF measured to guarantee performance. This device is recommended for applications requiring down conversion.

Features
■ Low Conversion Loss, 9 dB
■ Low LO Power Requirement, 8 dBm
■ Image Rejection, 18 dB
■ No DC Bias Required
■ Requires External IF 90° Hybrid




Similar Part No. - AM038R1-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AM038D1-00 ALPHA-AM038D1-00 Datasheet
168Kb / 2P
33.43 GHz GaAs MMIC Double Balanced Down Converter Mixer
AM038S1-00 ALPHA-AM038S1-00 Datasheet
88Kb / 2P
33-43 GHz GaAs MMIC Single Balanced Down Converter Mixer
More results


Similar Description - AM038R1-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AM028D1-00 ALPHA-AM028D1-00 Datasheet
165Kb / 2P
26-33 GHz GaAs MMIC Double Balanced Down Converter Mixer
AM028R1-00 ALPHA-AM028R1-00 Datasheet
124Kb / 2P
26-33 GHz GaAs MMIC Image Rejection Balanced Mixer
AM028S1-00 ALPHA-AM028S1-00 Datasheet
90Kb / 2P
26-33 GHz GaAs MMIC Single Balanced Down Converter Mixer
AM038S1-00 ALPHA-AM038S1-00 Datasheet
88Kb / 2P
33-43 GHz GaAs MMIC Single Balanced Down Converter Mixer
logo
Mimix Broadband
XM1004-BD MIMIX-XM1004-BD Datasheet
150Kb / 5P
20.0-38.0 GHz GaAs MMIC Balanced Mixer
XM1005-BD MIMIX-XM1005-BD Datasheet
311Kb / 7P
37.0-46.0 GHz GaAs MMIC Balanced Image Reject Mixer
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
GaAs MMIC Double Balanced 24 GHz Mixer
logo
Mimix Broadband
XM1000-BD MIMIX-XM1000-BD Datasheet
302Kb / 6P
32.0-46.0 GHz GaAs MMIC Balanced Mixer
logo
Hittite Microwave Corpo...
HMC774 HITTITE-HMC774_09 Datasheet
250Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 43 GHz
HMC774 HITTITE-HMC774_10 Datasheet
556Kb / 6P
GaAs MMIC Fundam ental Mixer, 7 - 43 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com