Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9851 Datasheet (PDF) - Analog Devices

AD9851 Datasheet PDF - Analog Devices
Part # AD9851
Download  AD9851 Download
File Size   719.74 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 180 MHz DDS/DAC Synthesizer

AD9851 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9851 Datasheet PDF - Analog Devices

Part # AD9851
Download  AD9851 Click to download

File Size   719.74 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 180 MHz DDS/DAC Synthesizer

AD9851 Datasheet (HTML) - Analog Devices


AD9851 Product details

GENERAL DESCRIPTION
The AD9851 is a highly integrated device that uses advanced DDS technology, coupled with an internal high speed, high performance D/A converter, and comparator, to form a digitally programmable frequency synthesizer and clock generator function. When referenced to an accurate clock source, the AD9851 generates a stable frequency and phase-programmable digitized analog output sine wave.

FEATURES
   180 MHz Clock Rate with Selectable 6Reference Clock Multiplier
   On-Chip High Performance 10-Bit DAC and High Speed Comparator with Hysteresis
   SFDR >43 dB @ 70 MHz AOUT
   32-Bit FrequencyTuning Word
   Simplifi ed Control Interface: Parallel or Serial Asynchronous Loading Format
   5-Bit Phase Modulation and Offset Capability
   Comparator Jitter <80 ps p-p @ 20 MHz
   2.7 V to 5.25 V Single-Supply Operation
   Low Power:555 mW @ 180 MHz
   Power-Down Function,4 mW @ 2.7 V
   Ultrasmall 28-Lead SSOP Packaging
  
APPLICATIONS
   Frequency/Phase-Agile Sine Wave Synthesis
   Clock Recovery and Locking Circuitry for Digital Communications
   Digitally Controlled ADC Encode Generator
   Agile Local Oscillator Applications in Communications
   Quadrature Oscillator
   CW, AM, FM, FSK, MSK Mode Transmitter




Similar Part No. - AD9851

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9851 AD-AD9851 Datasheet
254Kb / 23P
CMOS 180 MHz DDS/DAC Synthesizer
REV.C
AD9851 AD-AD9851 Datasheet
719Kb / 24P
CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851BRS AD-AD9851BRS Datasheet
254Kb / 23P
CMOS 180 MHz DDS/DAC Synthesizer
REV.C
AD9851BRS AD-AD9851BRS Datasheet
719Kb / 24P
CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851BRSRL AD-AD9851BRSRL Datasheet
719Kb / 24P
CMOS 180 MHz DDS/DAC Synthesizer
REV. D
More results


Similar Description - AD9851

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9835 AD-AD9835 Datasheet
160Kb / 16P
50 MHz CMOS Complete DDS
REV.0
AD9850 AD-AD9850 Datasheet
378Kb / 19P
CMOS, 125 MHz Complete DDS Synthesizer
REV.E
AD9851 AD-AD9851 Datasheet
254Kb / 23P
CMOS 180 MHz DDS/DAC Synthesizer
REV.C
AD9852 AD-AD9852 Datasheet
424Kb / 42P
CMOS 300 MHz Complete-DDS
REV.0
AD9851BRSZ AD-AD9851BRSZ Datasheet
749Kb / 24P
CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850BRSZ AD-AD9850BRSZ Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9851BRSZRL AD-AD9851BRSZRL Datasheet
719Kb / 24P
CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9850 AD-AD9850_15 Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9851 AD-AD9851_15 Datasheet
749Kb / 24P
CMOS 180 MHz DDS/DAC Synthesizer
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com