Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1542CSFFA Datasheet (PDF) - Emcore Corporation

1542CSFFA Datasheet PDF - Emcore Corporation
Part # 1542CSFFA
Download  1542CSFFA Download
File Size   787.59 Kbytes
Page   4 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description Microwave DFB Laser Microwave DFB Laser

1542CSFFA Datasheet (PDF)

Go To PDF Page Download Datasheet
1542CSFFA Datasheet PDF - Emcore Corporation

Part # 1542CSFFA
Download  1542CSFFA Click to download

File Size   787.59 Kbytes
Page   4 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description Microwave DFB Laser Microwave DFB Laser

1542CSFFA Datasheet (HTML) - Emcore Corporation




Similar Part No. - 1542CSFFA

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
1542 IET-1542 Datasheet
106Kb / 2P
Electronic Stroboscope
logo
Multicomp Pro
1542 MULTICOMP-1542 Datasheet
390Kb / 1P
TNC Female to N Male
05/02/21 V1.0
logo
Festo Corporation.
154200 FESTO-154200 Datasheet
98Kb / 2P
Proportional directional control valve
4/19/22
logo
PHOENIX CONTACT
1542004 PHOENIX-1542004 Datasheet
545Kb / 16P
SAC-3P-Y-2XFR SCO/.../... - Sensor/actuator cable
logo
Norgren Ltd
154201818 NORGREN-154201818 Datasheet
197Kb / 9P
Nickel Plated BSP & Hose Fittings
More results


Similar Description - 1542CSFFA

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100 Datasheet
112Kb / 2P
1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1490 OPTOWAY-DL-5100-1490 Datasheet
103Kb / 2P
1490 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1625 OPTOWAY-DL-5100-1625 Datasheet
106Kb / 2P
1625 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1650 OPTOWAY-DL-5100-1650 Datasheet
106Kb / 2P
1650 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100_07 Datasheet
120Kb / 3P
1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1490 OPTOWAY-DL-5100-1490_07 Datasheet
117Kb / 3P
1490 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1650 OPTOWAY-DL-5100-1650_07 Datasheet
113Kb / 3P
1650 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Emcore Corporation
3540A EMCORE-3540A Datasheet
97Kb / 4P
Microwave DFB Laser Transmitters
1742 EMCORE-1742 Datasheet
719Kb / 4P
1742 18 GHz 1550 nm Microwave DFB Laser
More results




About Emcore Corporation


EMCORE Corporation is a global technology company that specializes in the design and manufacture of advanced semiconductor-based products for the broadband and fiber optic markets. The company was founded in 1984 and is based in Alhambra, California, USA.

EMCORE's products are used in a wide range of applications, including telecommunications, data centers, cable television networks, and defense and aerospace systems. The company's product portfolio includes optical components, optical subsystems, and photovoltaic products.

EMCORE's optical components include lasers, receivers, transmitters, and modulators, which are used in optical communications systems to convert electrical signals into optical signals and vice versa. The company's optical subsystems are designed to provide complete optical networking solutions, including transmission systems, optical amplifiers, and multiplexers.

In addition to its fiber optic products, EMCORE also designs and manufactures photovoltaic products, including high-efficiency solar cells and concentrator photovoltaic (CPV) systems, which are used in terrestrial and space-based applications. EMCORE has a global presence and serves customers in North America, Europe, Asia, and other regions around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com