Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7992B Datasheet (PDF) - Advanced Micro Devices

AM7992B Datasheet PDF - Advanced Micro Devices
Part # AM7992B
Download  AM7992B Download
File Size   224.06 Kbytes
Page   27 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description Serial Interface Adapter (SIA)

AM7992B Datasheet (PDF)

Go To PDF Page Download Datasheet
AM7992B Datasheet PDF - Advanced Micro Devices

Part # AM7992B
Download  AM7992B Click to download

File Size   224.06 Kbytes
Page   27 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description Serial Interface Adapter (SIA)

AM7992B Datasheet (HTML) - Advanced Micro Devices


AM7992B Product details

GENERAL DESCRIPTION

The Am7992B Serial Interface Adapter (SIA) is a Manchester encoder/decoder compatible with IEEE

802.3, Cheapernet, and Ethernet specifications.In an IEEE 802.3/Ethernet application, the Am7992B interfaces the Am7990 Local Area Network Controller for Ethernet (LANCE) to the Ethernet transceiver device, acquires clock and data within four bit times, and decodes Manchester data with worst case ±19 ns phase jitter at 10 MHz.SIA provides both guaranteed signal threshold limits and transient noise suppression circuitry in both data and collision paths to minimize false

start conditions.



DISTINCTIVE CHARACTERISTICS

■Compatible with lEEE 802.3/Ethernet/Cheapernet specifications

■Crystal/TTL oscillator-controlled Manchester encoder

■Manchester decoder acquires clock and data within four bit times with an accuracy of ±3 ns

■Guaranteed carrier and collision detection squelch threshold limits

   —Carrier/collision detected for inputs greater than –275 mV

   —No carrier/collision for inputs less than –175 mV

■Input signal conditioning rejects transient noise

   —Transients <10 ns for collision detector inputs

   —Transients <20 ns for carrier detector inputs

■Receiver decodes Manchester data with worst case ±19 ns of clock jitter (at 10 MHz)

■TTL-compatible host interface

■Transmit accuracy +0.01% (without adjustments)




Similar Part No. - AM7992B

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM7996 AMD-AM7996 Datasheet
179Kb / 18P
IEEE 802.3/Ethernet/Cheapernet Transceiver
AM7996DC AMD-AM7996DC Datasheet
179Kb / 18P
IEEE 802.3/Ethernet/Cheapernet Transceiver
AM7996DCB AMD-AM7996DCB Datasheet
179Kb / 18P
IEEE 802.3/Ethernet/Cheapernet Transceiver
AM7996DCTR AMD-AM7996DCTR Datasheet
179Kb / 18P
IEEE 802.3/Ethernet/Cheapernet Transceiver
AM7996EVAL-HW AMD-AM7996EVAL-HW Datasheet
39Kb / 2P
Ethernet/Cheapernet Transceiver Evaluation Kit
More results


Similar Description - AM7992B

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC520A TELCOM-TC520A Datasheet
81Kb / 8P
SERIAL INTERFACE ADAPTER FOR TC500 A/D CONVERTER FAMILY
logo
Microchip Technology
TC520A MICROCHIP-TC520A Datasheet
453Kb / 16P
Serial Interface Adapter for TC500 A/D Converter Family
2002
logo
List of Unclassifed Man...
BT-120 ETC2-BT-120 Datasheet
113Kb / 6P
serial adapter
logo
Microchip Technology
TC520A MICROCHIP-TC520A_13 Datasheet
208Kb / 16P
Serial Interface Adapter for TC500 A/D Converter Family
2001-2012 11/29/12
logo
List of Unclassifed Man...
RN-WIFLY-SRL-UM ETC2-RN-WIFLY-SRL-UM Datasheet
902Kb / 14P
WiFly Serial Adapter
SD200 ETC-SD200 Datasheet
536Kb / 2P
Bluetooth-serial adapter
SD1100 ETC-SD1100 Datasheet
190Kb / 2P
Bluetooth-serial adapter
logo
IK Semicon Co., Ltd
IK2102DW IKSEMICON-IK2102DW Datasheet
2Mb / 23P
Serial Interface
IK2108DW IKSEMICON-IK2108DW Datasheet
547Kb / 21P
Serial Interface
logo
Texas Instruments
USB2ANY TI1-USB2ANY Datasheet
655Kb / 21P
Interface Adapter
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com