Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7992B Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM7992B
Description  Serial Interface Adapter (SIA)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7992B Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM7992B Datasheet HTML 1Page - Advanced Micro Devices AM7992B Datasheet HTML 2Page - Advanced Micro Devices AM7992B Datasheet HTML 3Page - Advanced Micro Devices AM7992B Datasheet HTML 4Page - Advanced Micro Devices AM7992B Datasheet HTML 5Page - Advanced Micro Devices AM7992B Datasheet HTML 6Page - Advanced Micro Devices AM7992B Datasheet HTML 7Page - Advanced Micro Devices AM7992B Datasheet HTML 8Page - Advanced Micro Devices AM7992B Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
FINAL
Publication# 03378
Rev: I
Amendment/0
Issue Date: May 1993
1
Am7992B
Serial Interface Adapter (SIA)
DISTINCTIVE CHARACTERISTICS
s Compatible with lEEE 802.3/Ethernet/Cheapernet
specifications
s Crystal/TTL oscillator-controlled Manchester
encoder
s Manchester decoder acquires clock and data
within four bit times with an accuracy of
±3 ns
s Guaranteed carrier and collision detection
squelch threshold limits
— Carrier/collision detected for inputs greater than
–275 mV
— No carrier/collision for inputs less than –175 mV
s Input signal conditioning rejects transient noise
— Transients <10 ns for collision detector inputs
— Transients <20 ns for carrier detector inputs
s Receiver decodes Manchester data with worst
case
±19 ns of clock jitter (at 10 MHz)
s TTL-compatible host interface
s Transmit accuracy +0.01% (without adjustments)
GENERAL DESCRIPTION
The Am7992B Serial Interface Adapter (SIA) is a
Manchester encoder/decoder compatible with IEEE
802.3, Cheapernet, and Ethernet specifications. In an
IEEE 802.3/Ethernet application, the Am7992B inter-
faces the Am7990 Local Area Network Controller for
Ethernet (LANCE) to the Ethernet transceiver device,
acquires clock and data within four bit times, and de-
codes Manchester data with worst case
±19 ns phase
jitter at 10 MHz. SIA provides both guaranteed signal
threshold limits and transient noise suppression cir-
cuitry in both data and collision paths to minimize false
start conditions.
BLOCK DIAGRAM
03378I-1
Manchester
Decoder
Data
Receiver
Noise
Reject
Filter
Carrier
Detect
Noise
Reject
Filter
Collision
Detect
Manchester
Encoder
Crystal
OSC
Receive Data (RX)
Receive Clock (RCLK)
Carrier Present (RENA)
Collision (CLSN)
Transmit Data (TX)
Transmit Enable (TENA)
Transmit Clock (TCLK)
20 MHz
XTAL
1
XTAL
2
Receive+
Receive–
Collision+
Transmit+
Transmit–
Collision–


Similar Part No. - AM7992B

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM7996 AMD-AM7996 Datasheet
179Kb / 18P
IEEE 802.3/Ethernet/Cheapernet Transceiver
AM7996DC AMD-AM7996DC Datasheet
179Kb / 18P
IEEE 802.3/Ethernet/Cheapernet Transceiver
AM7996DCB AMD-AM7996DCB Datasheet
179Kb / 18P
IEEE 802.3/Ethernet/Cheapernet Transceiver
AM7996DCTR AMD-AM7996DCTR Datasheet
179Kb / 18P
IEEE 802.3/Ethernet/Cheapernet Transceiver
AM7996EVAL-HW AMD-AM7996EVAL-HW Datasheet
39Kb / 2P
Ethernet/Cheapernet Transceiver Evaluation Kit
More results

Similar Description - AM7992B

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC520A TELCOM-TC520A Datasheet
81Kb / 8P
SERIAL INTERFACE ADAPTER FOR TC500 A/D CONVERTER FAMILY
logo
Microchip Technology
TC520A MICROCHIP-TC520A Datasheet
453Kb / 16P
Serial Interface Adapter for TC500 A/D Converter Family
2002
logo
List of Unclassifed Man...
BT-120 ETC2-BT-120 Datasheet
113Kb / 6P
serial adapter
logo
Microchip Technology
TC520A MICROCHIP-TC520A_13 Datasheet
208Kb / 16P
Serial Interface Adapter for TC500 A/D Converter Family
2001-2012 11/29/12
logo
List of Unclassifed Man...
RN-WIFLY-SRL-UM ETC2-RN-WIFLY-SRL-UM Datasheet
902Kb / 14P
WiFly Serial Adapter
SD200 ETC-SD200 Datasheet
536Kb / 2P
Bluetooth-serial adapter
SD1100 ETC-SD1100 Datasheet
190Kb / 2P
Bluetooth-serial adapter
logo
IK Semicon Co., Ltd
IK2102DW IKSEMICON-IK2102DW Datasheet
2Mb / 23P
Serial Interface
IK2108DW IKSEMICON-IK2108DW Datasheet
547Kb / 21P
Serial Interface
logo
Texas Instruments
USB2ANY TI1-USB2ANY Datasheet
655Kb / 21P
Interface Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com