Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7992B Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # AM7992B
Description  Serial Interface Adapter (SIA)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7992B Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button AM7992B Datasheet HTML 19Page - Advanced Micro Devices AM7992B Datasheet HTML 20Page - Advanced Micro Devices AM7992B Datasheet HTML 21Page - Advanced Micro Devices AM7992B Datasheet HTML 22Page - Advanced Micro Devices AM7992B Datasheet HTML 23Page - Advanced Micro Devices AM7992B Datasheet HTML 24Page - Advanced Micro Devices AM7992B Datasheet HTML 25Page - Advanced Micro Devices AM7992B Datasheet HTML 26Page - Advanced Micro Devices AM7992B Datasheet HTML 27Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
AMD
27
Am7992B
SWITCHING TEST CIRCUITS
DUT
50 pF
DUT
Transmit–
RL = 78
Ω
Transmit+
03378I-27
03378I-28
DUT
–
+
03378I-29
DC Voltage
A. Test Load for RX, RENA, RCLK,
TCLK, CLSN
B. Transmit
± Output
C. Receive
± and Collision± Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com