Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7992B Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM7992B
Description  Serial Interface Adapter (SIA)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7992B Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM7992B Datasheet HTML 9Page - Advanced Micro Devices AM7992B Datasheet HTML 10Page - Advanced Micro Devices AM7992B Datasheet HTML 11Page - Advanced Micro Devices AM7992B Datasheet HTML 12Page - Advanced Micro Devices AM7992B Datasheet HTML 13Page - Advanced Micro Devices AM7992B Datasheet HTML 14Page - Advanced Micro Devices AM7992B Datasheet HTML 15Page - Advanced Micro Devices AM7992B Datasheet HTML 16Page - Advanced Micro Devices AM7992B Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
AMD
13
Am7992B
DC CHARACTERISTICS over operating ranges unless otherwise specified
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
VOH
Output HIGH Voltage RX,
IOH = –1.0 mA, VCC = Min
2.4
V
RENA, CLSN, TCLK, RCLK
VOL
Output LOW Voltage
IOL = 16 mA, VCC = Min
0.5
V
RCLK, TSEL, TCLK, RENA, RX, CLSN
IOL = 1 mA, VCC = Min
0.4
V
VOD
Differential Output Voltage TX+ > TX– for VO
RL = 78
Ω
550
770
mV
(Transmit+) – (Transmit–)
TX+ < TX– for VO
–550
–770
mV
VOD OFF
Transmit Differential Output Idle Voltage
VCC = Min, RL = 78
Ω
(Note 1)
–20
20
mV
IOD OFF
Transmit Differential Output Idle Current
TSEL = HIGH
(Note 2)
–0.5
0.5
mA
VCMT
Transmit Output Common-Mode Voltage
RL = 78
Ω, VCC = Min
0
5
V
VODI
Transmit Differential Output Voltage
(Note 1)
20
mV
Imbalance
||VO| – |VO||
VIH
Input HIGH Voltage TX, TENA
2.0
V
IIH
Input HIGH Current TX, TENA,
TEST
VCC = Max, VIN = 2.7 V
+50
µA
VIL
Input LOW Current TX, TENA
0.8
V
IIL
Input LOW Current TX, TENA,
TEST
VCC = Max, VIN = 0.4 V
–400
µA
VIRD
Differential Input Threshold (Receive Data)
VCM = 0 V, (Note 4)
Ceramic
Package
–35
+35
mV
Plastic
Package
–65
+65
mV
VIRVD
Differential Mode Input Voltage Range
(Note 3)
–1.5
+1.5
V
(Receive
±/Collision ±)
VIRVC
Receive
± and Collision ± Common
(Note 2)
0
5.5
V
Mode Voltage
VIDC
Differential Input Threshold to Detect Carrier
VCM = 0 V (Note 4)
–175
–275
mV
ICC
Power Supply Current
VCC = Max (Note 5)
180
mA
VIB
Input Breakdown Voltage (TX, TENA,
TEST)
II = 1 mA, VCC = Max
5.5
V
VIC
Input Clamp Voltage
IIN = –18 mA, VCC = Min
–1.2
V
VODP
Undershoot Voltage on Transmit
(Note 3)
–100
mV
Return to Zero (End of Message)
ISC
Short Circuit Current
VCC = Max (Note 6)
–40
–150
mA
RCLK, RX, TCLK, CLSN, RENA
RIDF
Differential Input Resistance
VCC = 0 to Max (Note 3)
6
k
Ω
RICM
Common Mode Input Resistance
VCC = 0 to Max (Note 3)
1.5
k
Ω
VICM
Receive and Collision Input Bias Voltage
IIN = 0, VCC = Max
1.5
4.2
V
IILD
Receive and Collision Input LOW Current
VIN = –1 V, VCC = Max
–1.64
mA
IIHD
Receive and Collision Input HIGH Current
VIN = 6 V, VCC = Min
+1.10
mA
IIHZ
Receive and Collision Input HIGH
VCC = 0, VIN = +6 V
1.86
mA
Current Power Off
IIHX
Oscillator (X1) Input HIGH Current
VIN = 2.4 V, VCC = Max
+800
µA
IILX
Oscillator (X1) Input LOW Current
VIN = 0.4 V, VCC = Max
–1.2
mA
VIHX
Oscillator (X1) Input HIGH Voltage
(Note 3)
2.0
V
VILX
Oscillator (X1) Input LOW Voltage
(Note 3)
0.8
V
Com’l
Note:
See notes following Switching Characteristics table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com