Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7992B Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM7992B
Description  Serial Interface Adapter (SIA)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7992B Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM7992B Datasheet HTML 3Page - Advanced Micro Devices AM7992B Datasheet HTML 4Page - Advanced Micro Devices AM7992B Datasheet HTML 5Page - Advanced Micro Devices AM7992B Datasheet HTML 6Page - Advanced Micro Devices AM7992B Datasheet HTML 7Page - Advanced Micro Devices AM7992B Datasheet HTML 8Page - Advanced Micro Devices AM7992B Datasheet HTML 9Page - Advanced Micro Devices AM7992B Datasheet HTML 10Page - Advanced Micro Devices AM7992B Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Am7992B
7
Figure 3.
TTL Clock Driver Circuit for X
1
SIA Oscillator
Specification for External Crystal
When using a crystal to drive the Am7992B oscillator,
the following crystal specification should be used to en-
sure a transmit accuracy of 0.01%:
Some crystal manufacturers have generated crystals
to this specification. One such manufacturer is Reeves-
Hoffman. Their ordering part number for this crystal is
RH#04-20423-312. Another manufacturer is Epson—
Par t #MA 506-200M-50 pF, which is a surface-
mounted crystal.
Specification for External TTL Level
When driving the oscillator from an external clock
source, X
2 must be left floating (unconnected). An
external clock having the following characteristics
must be used to ensure less than +0.5 ns jitter at
Transmit+ (see the X
1 Driven from External Source
waveform diagram and the TTL Clock Driver Circuit
for X
1, Figure 3):
s Clock Frequency: 20 MHz
±0.01%
s Rise/Fall Time (t
R/tF): <4 ns, monotonic
s X
1 HIGH/LOW Time (t
HlGH/tLOW): > 20 ns
s X
1 Falling Edge-to-Falling Edge Jitter: < ±0.2 ns at
1.5 V input
Receiver Path
The principle functions of the receiver are to signal the
LANCE that there is information on the receive pair and
to separate the incoming Manchester-encoded data
stream into clock and NRZ data.
The receiver section (see Figures 4 and 5) consists of
two parallel paths. The receive data path is a zero
threshold, wide bandwidth line receiver. The carrier
path is an offset threshold bandpass-detecting line re-
ceiver. Both receivers share common bias networks to
allow operation over an input common mode range of
0 V to 5.5V.
Limit
Unit
Min
Nominal
Max
Resonant Frequency
Error with C
L = 50 pF
–50
0
+50
PPM
Change in Resonant
Frequency Temperature
with C
L = 50 pF
–40
+40
PPM
Parallel Resonant
Frequency with
C
L = 50 pF
20
MHz
Motional Crystal
Capacitance, C
1
0.022
pF
X
1
ALS Driver or
Equivalent
03378I-7
Manchester
Decoder
Data
Receiver
Noise
Reject
Filter
Carrier
Detect
RX
RCLK
RENA
DI
±
03378I-8
Figure 4.
Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com