Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7992B Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM7992B
Description  Serial Interface Adapter (SIA)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7992B Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM7992B Datasheet HTML 19Page - Advanced Micro Devices AM7992B Datasheet HTML 20Page - Advanced Micro Devices AM7992B Datasheet HTML 21Page - Advanced Micro Devices AM7992B Datasheet HTML 22Page - Advanced Micro Devices AM7992B Datasheet HTML 23Page - Advanced Micro Devices AM7992B Datasheet HTML 24Page - Advanced Micro Devices AM7992B Datasheet HTML 25Page - Advanced Micro Devices AM7992B Datasheet HTML 26Page - Advanced Micro Devices AM7992B Datasheet HTML 27Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
AMD
25
Am7992B
SWITCHING WAVEFORMS
1
2
3
4
5
6
7
8
Bit Number
INTRCLK
PLL CLK
4.5 V
1.5 V
3 V
0
+4.5 V
1.5 V
0
–1.5 V
Receive+
Receive–
Receive
±
RX
+3 V
0
+4.5 V
+1.5 V
0
–1.5 V
+1.5 V
–4.5 V
Receive+
Receive–
Receive
±
RX
+3 V
0
+4.5 V
+1.5 V
0
–1.5 V
+1.5 V
Receive+
Receive–
Receive
±
RX
+4.5 V
+1.5 V
+3 V
+1.5 V
0
–1.5 V
0
Receive+
Receive–
Receive
±
RX
55
56
57
58
BCC
BCC
BCC
BCC
BCC
BCC
BCC
BCC
BCB
1/4 Bit Cell
0 V
4.5 V
Strobe
RX
BCB
Strobe
RX
Strobe
RX
Strobe
RX
1/4 Bit Cell
BCB
03378I-24
(Note A)
(Note B)
(Note C)
(Note D)
Notes:
A. Case 1, 5 Data Bit Pattern 0, 1
Rising clock edge moved toward 1/4 bit cell RCLK data strobe. Case 1 uses bit 5, Case 5 uses bit 55.
B. Case 2, 6 Data Bit Pattern 1, 0
Falling clock edge moved toward 1/4 bit cell RCLK data strobe. Case 2 uses bit 6, Case 6 uses bit 56.
C. Case 3, 7 Data Bit Pattern 1, 1
Falling bit cell edge moved toward 1/4 bit cell RCLK data strobe. Case 3 uses bit 6, Case 7 uses bit 56.
D. Case 4, 8 Data Bit Pattern X, 0
Rising bit cell edge moved toward 1/4 bit cell RCLK data strobe. Case 4 uses bit 5, Case 8 uses bit 55.
tEJI
tEJ51
D
tEJI
tEJ51
C
tEJI
tEJ51
B
A
tEJI
tEJ51
Input Jitter Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com