Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMCL00XA Datasheet (PDF) - Advanced Micro Devices

AMMCL00XA Datasheet PDF - Advanced Micro Devices
Part # AMMCL00XA
Download  AMMCL00XA Download
File Size   172.34 Kbytes
Page   36 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card

AMMCL00XA Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMCL00XA Datasheet PDF - Advanced Micro Devices

Part # AMMCL00XA
Download  AMMCL00XA Click to download

File Size   172.34 Kbytes
Page   36 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card

AMMCL00XA Datasheet (HTML) - Advanced Micro Devices


AMMCL00XA Product details

GENERAL DESCRIPTION
The Miniature Card is an expansion card that provides a low cost, low power, high-performance, small form factor solution for data and file storage to the portable, handheld market, which includes audio, digital film, wireless, and PDA (Portable Digital Assistant) applications.

DISTINCTIVE CHARACTERISTICS
■ 2 or 4 Mbytes of addressable Flash memory
■ 2.7 V to 3.6 V, single power supply operation
   — Write and read voltage: 3.0 V –10/+20%
   — No additional supply current required for VPP
■ Fast access time
   — 150 ns maximum access time
■ CMOS low power consumption
   — Typical active read current: 35 mA (word mode)
   — Typical active erase/write current: 40 mA (word mode)
   — Typical standby current: 10 µA (4 Mbyte); 5 µA (2 Mbyte)
■ High write endurance
   — Guaranteed minimum 100,000 write/erase cycles per card
   — More than 1,000,000 cycles per card typical
■ Uniform sector architecture
   — 64K byte individually useable sectors
   — Erase Suspend/Resume increases system level performance
   — BUSY# and RESET# signals
■ Zero data retention power
   — No power required to retain data
■ Available in industrial temperature grade (–40°C to +85°C)
■ Miniature Card standard form factor
   — True interchangeability
   — 60-pad elastomeric connector
   — Supports multiple technologies
   — Sonic welded stainless steel case
   — PCMCIA Type II adapter available
   — Selectable byte- or word-wide configuration
   — Small Form Factor (38 mm x 33 mm x 3.5 mm)
■ 60 connection bus
   — 16-bit data bus
   — 25-bit address bus
   — Easy system integration
   — Low cost implementation
   — Low cost cards
■ Consumer-friendly mechanicals
   — User can easily insert and remove card, upgrade memory, and add applications
■ Voltage level keying
   — Does not allow a 3 V card to plug into a 5 V system and vice versa
   — Single power supply design
   — System does not need a separate program voltage supply; only one is necessary to read and write




Similar Part No. - AMMCL00XA

ManufacturerPart #DatasheetDescription
logo
Amphenol RF.
AMMC RF-AMMC Datasheet
87Kb / 2P
Ultraminiature Product Series
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-2008 AVAGO-AMMC-2008 Datasheet
224Kb / 7P
DC??0 GHz SPDT Switch
logo
Broadcom Corporation.
AMMC-2008 BOARDCOM-AMMC-2008 Datasheet
224Kb / 7P
DC??0 GHz SPDT Switch
AMMC-2008-W10 BOARDCOM-AMMC-2008-W10 Datasheet
224Kb / 7P
DC??0 GHz SPDT Switch
AMMC-2008-W50 BOARDCOM-AMMC-2008-W50 Datasheet
224Kb / 7P
DC??0 GHz SPDT Switch
More results


Similar Description - AMMCL00XA

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMC0XXCFLKA AMD-AMC0XXCFLKA Datasheet
273Kb / 42P
1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
AMC0XXDFLKA AMD-AMC0XXDFLKA Datasheet
157Kb / 46P
4, 8, 20, or 32 Megabyte 5.0 Volt-only Flash Memory PC Card
AMMC0XXA AMD-AMMC0XXA Datasheet
182Kb / 39P
2, 4, or 8 Megabyte 5.0 Volt-only Flash Miniature Card
logo
ATMEL Corporation
AT5FC002 ATMEL-AT5FC002 Datasheet
715Kb / 15P
2-Megabyte Flash Memory PCMCIA Card
AT45DCB004 ATMEL-AT45DCB004 Datasheet
86Kb / 4P
8-megabyte 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
AT26DF041 ATMEL-AT26DF041 Datasheet
553Kb / 20P
4-MEGABIT 3.0-VOLT ONLY OR 2.7-VOLT ONLY SERIAL FIRMWARE DATAFLASH-R
AT45DCB008 ATMEL-AT45DCB008_06 Datasheet
84Kb / 5P
8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
AT45DCB004C ATMEL-AT45DCB004C_06 Datasheet
82Kb / 5P
4-megabyte 2.7-volt DataFlash Card
AT45DCB008D ATMEL-AT45DCB008D_06 Datasheet
84Kb / 5P
8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
AT45DCB008D ATMEL-AT45DCB008D_08 Datasheet
96Kb / 5P
8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com