Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMCL00XA Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AMMCL00XA
Description  2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMCL00XA Datasheet(HTML) 3 Page - Advanced Micro Devices

  AMMCL00XA Datasheet HTML 1Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 2Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 3Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 4Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 5Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 6Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 7Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 8Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
AmMCL00XA
3
PRELIMIN ARY
Miniature Card Frontside
The side of the Miniature Card that contains power, insertion, ground, voltage keys, and
alignment notch. The frontside is opposite the backside.
Miniature Card Topside
The side of the Miniature Card that contains the Miniature Card label. The topside is opposite
the bottomside.
PC Card
A memory or I/O card compatible with the PC Card Standard.
PC Card Adapter
The hardware that connects the Miniature Card 60 contact bus to the PC Card 68 pin bus.
This hardware can be mechanically implemented by following the PC Card Type II
specification.
Power/Insertion Signals
The three signals on the frontside of the Miniature Card that provide ground, power and early
detection of insertion.
Pull-Ups
Resistors used to ensure that signals do not float when no device is driving them.
Removal, Cold
User Perception: Removal of a Miniature Card when the host is off.
Host State: The host would either be off or in sleep mode, no bus activity is occurring, the
host is non-operational by the user. User would turn off the host, then remove the Miniature
Card and then press a button to turn the host on for it to become operational again.
Removal, Hot
User Perception: Removal of the Miniature Card when the host is running.
Host State: The host would be in running mode, bus activity is occurring, the host is
operational by the user. User removes the card, the host recognizes the event, and the host
continues to be operational.
Removal, Pseudo Hot
User Perception: Removal of the Miniature Card when the host is running.
Host State: The host would be in running mode, bus activity is occurring, the host is
operational by the user. User removes the card, the host recognizes the event, the host
immediately powers off before the Miniature Card removes contact with the host’s internal
bus. The user would then need to press a button to turn the host on for it to be operational
again.
Sector
Usually 64 KBytes. In word mode, a sector is 64 Kwords.
Tuple
An element of the PC Card Standard CIS that provides card attribute information, and a link
to the next tuple in a string of tuples.
User Insertable
All Miniature Cards should be inserted into the host by the user without the need for any
special tools.
User Removable
This type of Miniature Card can be removed by the user without the need for any special
tools. It contains programs and data that users may want to switch often. The use of this type
of card is similar to a floppy disk.
User Non-Removable
This type of Miniature Card must be removed by the user with a special tool. It contains
memory upgrades or boot program that users switches only when they require an upgrade.
The use of this type of card is similar to a SIMM memory expansion or boot hard disk.
XIP
Acronym for eXecute-In-Place, which refers to code that executes directly from a Miniature
Card.
Table 1.
Miniature Card Definitions (Continued)
Term
Meaning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com