Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMCL00XA Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AMMCL00XA
Description  2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMCL00XA Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AMMCL00XA Datasheet HTML 28Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 29Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 30Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 31Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 32Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 33Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 34Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 35Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 36Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
32
AmMCL00XA
PR EL IMIN A R Y
Identification Data
The identification data provides basic identification
information about the card. This data section is
required on all cards. Table 14 shows the Identification
Data for AMD’s 3 volt-only Miniature cards.
Compatibility Data
The compatibility data provides basic compatibility
across all cards. This data section is required on all
cards. The addresses in parentheses are specified for
cards with more than one memory technology on the
card. Table 15 shows the compatibility data for AMD
3-volt only Miniature Cards
Table 14.
AMD Identification Data
Card Address
Value
Description
10h
99h
Miniature Card Identifier: Fixed value for a host to identify an inserted
Miniature Card
11h
11h
Level of Compliance: Defines the level of AIS supported. The
Miniature Cards described in this document are rev 1.1 compliant.
12h
78h or 76h
AIS Checksum: The modulo-256 sum of all even bytes from 10h–FFh.
A valid checksum sums to 00H (2’s complement).
9
2 Mbyte card: 88h + 78h = 00h
4 Mbyte card: 8Ah + 76h = 00h
13h
41h
Manufacturer Name: 13h–26h. String of ASCII characters at
addresses 13H to 26H to identify the manufacturer of the Miniature
Card.
ASCII character “A”
14h
4Dh
ASCII character “M”
15h
44h
ASCII character “D”
16h
20h
ASCII character - SPACE
17h
49h
ASCII character - “I”
18h
4Eh
ASCII character - “N”
19h
43h
ASCII character - “C”
1Ah
00h
ASCII character - NULL
1Bh
00h
ASCII character - NULL
1Ch–26h
00h
Unused space in manufacturer name field
27h
33h
Card Name: (addresses 27h–3Ah). String of ASCII characters to
identify the card name.
ASCII character “3”
28h
56h
ASCII character “V”
29h
4Dh
ASCII character “M”
2Ah
43h
ASCII character “C”
2Bh
20h
ASCII character - SPACE
2Ch
53h
ASCII character “S”
2Dh
65h
ASCII character “e”
2Eh
72h
ASCII character “r”
2Fh
69h
ASCII character “i”
30h
65h
ASCII character “e”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com