Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A45L9332A Datasheet (PDF) - AMIC Technology

A45L9332A Datasheet PDF - AMIC Technology
Part # A45L9332A
Download  A45L9332A Download
File Size   1255.03 Kbytes
Page   55 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 256K X 32 Bit X 2 Banks Synchronous Graphic RAM

A45L9332A Datasheet (PDF)

Go To PDF Page Download Datasheet
A45L9332A Datasheet PDF - AMIC Technology

Part # A45L9332A
Download  A45L9332A Click to download

File Size   1255.03 Kbytes
Page   55 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 256K X 32 Bit X 2 Banks Synchronous Graphic RAM

A45L9332A Datasheet (HTML) - AMIC Technology


A45L9332A Product details

General Description
The A45L9332A is 16,777,216 bits synchronous high data rate Dynamic RAM organized as 2 X 262,144 words by 32 bits, fabricated with AMIC’s high performance CMOS technology. Synchronous design allows precise cycle control with the use of system clock. I/O transactions are possible on every clock cycle. Range of operating frequencies, programmable latencies allows the same device to be useful for a variety of high bandwidth, high performance memory system applications.
Write per bit and 8 columns block write improves performance in graphics system.

Features
■ JEDEC standard 3.3V power supply
■ LVTTL compatible with multiplexed address
■ Dual banks / Pulse RAS
■ MRS cycle with address key programs
    - CAS Latency (2,3)
    - Burst Length (1,2,4,8 & full page)
    - Burst Type (Sequential & Interleave)
■ All inputs are sampled at the positive going edge of the system clock
■ Burst Read Single-bit Write operation
■ DQM 0-3 for byte masking
■ Auto & self refresh
■ 32ms refresh period (2K cycle)
■ 100 Pin QFP, LQFP (14 X 20 mm)

Graphics Features
■ SMRS cycle
    - Load mask register
    - Load color register
■ Write Per Bit (Old Mask)
■ Block Write (8 Columns)




Similar Part No. - A45L9332A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A45 MACOM-A45 Datasheet
104Kb / 1P
1000 TO 4000 MHz CASCADABLE AMPLIFIER
A45 MACOM-A45 Datasheet
381Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
A45 MA-COM-A45 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45 MA-COM-A45 Datasheet
643Kb / 3P
Cascadable Amplifier 1000 to 4000 MHz
logo
Tyco Electronics
A45-1 MACOM-A45-1 Datasheet
109Kb / 1P
1000 TO 4000 MHz CASCADABLE AMPLIFIER
More results


Similar Description - A45L9332A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM4132G271A SAMSUNG-KM4132G271A Datasheet
1,000Kb / 48P
128K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271B SAMSUNG-KM4132G271B Datasheet
1Mb / 51P
128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
logo
List of Unclassifed Man...
M32L32321SA ETC1-M32L32321SA Datasheet
989Kb / 54P
512K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
AMIC Technology
A43E06321 AMICC-A43E06321 Datasheet
1Mb / 46P
512K X 32 Bit X 2 Banks Low Power Synchronous DRAM
A43L0632 AMICC-A43L0632 Datasheet
1Mb / 44P
512K X 32 Bit X 2 Banks Synchronous DRAM
logo
Integrated Silicon Solu...
IS42G32256 ISSI-IS42G32256 Datasheet
456Kb / 52P
256K x 32 x 2 (16-Mbit) SYNCHRONOUS GRAPHICS RAM
logo
List of Unclassifed Man...
M32L1632512A ETC1-M32L1632512A Datasheet
879Kb / 54P
256K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A Datasheet
725Kb / 46P
512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_1 Datasheet
776Kb / 46P
512K x 32 Bit x 4 Banks Synchronous DRAM
logo
Samsung semiconductor
K4G323222M SAMSUNG-K4G323222M Datasheet
1Mb / 48P
512K x 32Bit x 2 Banks Synchronous Graphic RAM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com