Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PALCE16V8Q-25PI5 Datasheet (PDF) - Advanced Micro Devices

PALCE16V8Q-25PI5 Datasheet PDF - Advanced Micro Devices
Part # PALCE16V8Q-25PI5
Download  PALCE16V8Q-25PI5 Download
File Size   224.09 Kbytes
Page   26 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description EE CMOS 20-Pin Universal Programmable Array Logic

PALCE16V8Q-25PI5 Datasheet (PDF)

Go To PDF Page Download Datasheet
PALCE16V8Q-25PI5 Datasheet PDF - Advanced Micro Devices

Part # PALCE16V8Q-25PI5
Download  PALCE16V8Q-25PI5 Click to download

File Size   224.09 Kbytes
Page   26 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description EE CMOS 20-Pin Universal Programmable Array Logic

PALCE16V8Q-25PI5 Datasheet (HTML) - Advanced Micro Devices


PALCE16V8Q-25PI5 Product details

GENERAL DESCRIPTION
The PALCE16V8 is an advanced PAL device built with low-power, high-speed, electrically-erasable CMOS technology. It is functionally compatible with all 20-pin GAL devices. The macrocells provide a universal device architecture. The PALCE16V8 will directly replace the PAL16R8 and PAL10H8 series devices, with the exception of the PAL16C1.

DISTINCTIVE CHARACTERISTICS
■ Pin and function compatible with all 20-pin GAL devices
■ Electrically erasable CMOS technology
   provides reconfigurable logic and full testability
■ High-speed CMOS technology
   — 5-ns propagation delay for “-5” version
   — 7.5-ns propagation delay for “-7” version
■ Direct plug-in replacement for the PAL16R8
   series and most of the PAL10H8 series
■ Outputs programmable as registered or
   combinatorial in any combination
■ Peripheral Component Interconnect (PCI) compliant
■ Programmable output polarity
■ Programmable enable/disable control
■ Preloadable output registers for testability
■ Automatic register reset on power up
■ Cost-effective 20-pin plastic DIP, PLCC, and SOIC packages
■ Extensive third-party software and programmer
   support through FusionPLD partners
■ Fully tested for 100% programming and
   functional yields and high reliability
■ 5 ns version utilizes a split leadframe for
   improved performance




Similar Part No. - PALCE16V8Q-25PI5

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
PALCE16V8Q-25PI AMD-PALCE16V8Q-25PI Datasheet
3Mb / 6P
EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
logo
Lattice Semiconductor
PALCE16V8Q-25PI/4 LATTICE-PALCE16V8Q-25PI/4 Datasheet
634Kb / 32P
EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
More results


Similar Description - PALCE16V8Q-25PI5

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
PAL16R8 AMD-PAL16R8 Datasheet
1Mb / 33P
20-PIN TTL PROGRAMMABLE ARRAY LOGIC
PALCE20V8 AMD-PALCE20V8 Datasheet
235Kb / 16P
EE CMOS 24-Pin Universal Programmable Array Logic
logo
Lattice Semiconductor
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
High-Density EE CMOS Programmable Logic
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
EE CMOS 24-Pin Universal Programmable Array Logic
PLV16V8 LATTICE-PLV16V8 Datasheet
425Kb / 22P
Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
logo
Advanced Micro Devices
PAL16V8 AMD-PAL16V8 Datasheet
3Mb / 6P
EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
24-Pin EE CMOS Programmable Array Logic
PAL16L8B AMD-PAL16L8B Datasheet
271Kb / 33P
20-Pin TTL Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
24-Pin EE CMOS Programmable Array Logic
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com