Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR9301-V2 Datasheet (PDF) - Aplus Intergrated Circuits

APR9301-V2 Datasheet PDF - Aplus Intergrated Circuits
Part # APR9301-V2
Download  APR9301-V2 Download
File Size   504.87 Kbytes
Page   7 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE

APR9301-V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
APR9301-V2 Datasheet PDF - Aplus Intergrated Circuits

Part # APR9301-V2
Download  APR9301-V2 Click to download

File Size   504.87 Kbytes
Page   7 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE

APR9301-V2 Datasheet (HTML) - Aplus Intergrated Circuits


APR9301-V2 Product details

industrial applications.
voice recorders, toys, and many other consumer and a single 20- to 30-second message. It is ideal for portable support. It provides high-quality recording and playback with storage capability and requires no software or microcontroller The APR930 d 1 evice offers true single-chip solid-state General Description

Features
• Single 6 5 V power supply
• Chip enable pin for simple message expansion
• Automatic power-down feature for longer battery life
    - Standby current: 1uA (typical, no load)
    - Operating current: 25 mA (typical, no load)
• Low power consumption playback switches
    - Level-activated recording & edge-activated
    - Programming & development systems not require
• User-friendly, easy-to-use operation selection
• Single message of 20 to 30 seconds, with external resistor
    - 100-year message retention (typical)
    - 100K record cycles (typical)
    - No battery backup required
• Non-volatile Flash memory technology
    - Minimum external components
    - No external ICs required solution
• Single-chip, high quality voice recording & playback




Similar Part No. - APR9301-V2

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APR9301-V2 APLUS-APR9301-V2 Datasheet
493Kb / 7P
SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE
More results


Similar Description - APR9301-V2

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APR9301-V2 APLUS-APR9301-V2 Datasheet
493Kb / 7P
SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE
APR9600 APLUS-APR9600 Datasheet
2Mb / 17P
SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 60 SECOND MESSAGE
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Aplus Intergrated Circu...
APR9301 APLUS-APR9301 Datasheet
224Kb / 10P
Single-Chip Voice Recording & Playback Device for Single 20 to 30 Second Message
logo
Nuvoton Technology Corp...
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD1600B NUVOTON-ISD1600B Datasheet
313Kb / 22P
Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com