Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR9301-V2 Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # APR9301-V2
Description  SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR9301-V2 Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  APR9301-V2 Datasheet HTML 1Page - Aplus Intergrated Circuits APR9301-V2 Datasheet HTML 2Page - Aplus Intergrated Circuits APR9301-V2 Datasheet HTML 3Page - Aplus Intergrated Circuits APR9301-V2 Datasheet HTML 4Page - Aplus Intergrated Circuits APR9301-V2 Datasheet HTML 5Page - Aplus Intergrated Circuits APR9301-V2 Datasheet HTML 6Page - Aplus Intergrated Circuits APR9301-V2 Datasheet HTML 7Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Pag
ge 2
Functional Block Diagram
Figure 2 shows the functional block diagram for the APR9301-V2
Figure 2 APR9301-V2 Functional Block Diagram
Sample Application
Figure 3 shows the diagram for a single, 20-second message
recording and playback application using theAPR9301
device. When pins are connected as shown in this example,
the operating modes are as follows:
Record Mode (Level-Activated)
A single voice message of up to 20 seconds can be recorded.
The /LED pin will go low during the actual recording process
to provide a visual indication if an LED light is connected to
this pin. The chip is in record mode as long as the /RecL pin
stays low (level-activated). If the message lasts longer than
20 seconds, recording will terminate automatically after the
last available memory cell is written. If the message is shorter
than 20 seconds, the recording operation will stop when the
the /RecL pin goes high. The speaker driver is automatically
tristated during the recording operation.
Messages of up to 30 seconds can be recorded by using
different OscR resistor values (see Table 1).
Playback Mode (Edge-Activated)
Playback always starts from the beginning of the message.
The chip is in playback mode after the /PlayE pin pulses low
(edge-activated). Playback will stop immediately when the
/PlayE pin pulses low a second time. If the newly recorded
message is shorter than the previously recorded message,
the remaining portion of the previous message will not be
played after the new message is played back. The input pre-
amplifier, AGC, and main amplifier circuits are disabled
during playback.
Standby Mode (/CE = "0")
The chip will automatically return to the standby state after
recording or playback operation is completed.
Power Down Mode (/CE = "1")
The chip is always in standby state. No recording or playback
is allowed. Current consumption is typically less than 1
uA.
AnaIn
Power Supplies
Amp
AGC
MicRef
MicIn
OscR
SP+
/LED
Amp
VSSD VSSA
SP-
A u to m atic G ain
Pre-
Amp
VCCD VCCA
/RecL /PlayE
C ontrol (A G C )
S amp le & H o ld
S w itch ed
C apacitor F ilter
A n alo g W rite &
R ead C ircuits
N o n -Vo latile
A nalog S torage
M em ory A rray
Device Control
S w itch ed
C apacitor F ilter
Circuit
AnaOut
In tern al
O scillator
APLUS
APR9301-V2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com