Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR9301-V2 Datasheet(PDF) 3 Page - Aplus Intergrated Circuits

Part # APR9301-V2
Description  SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR9301-V2 Datasheet(HTML) 3 Page - Aplus Intergrated Circuits

  APR9301-V2 Datasheet HTML 1Page - Aplus Intergrated Circuits APR9301-V2 Datasheet HTML 2Page - Aplus Intergrated Circuits APR9301-V2 Datasheet HTML 3Page - Aplus Intergrated Circuits APR9301-V2 Datasheet HTML 4Page - Aplus Intergrated Circuits APR9301-V2 Datasheet HTML 5Page - Aplus Intergrated Circuits APR9301-V2 Datasheet HTML 6Page - Aplus Intergrated Circuits APR9301-V2 Datasheet HTML 7Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
g
Page 3
Figure 3
Sample Application for the APR9301-V2
Table 1
Typical Dependence of Sampling Frequency and Total Voice Duration on OscR Resistor Value
(VCCA = VCCD = 6V; VSSA = VSSD = 0V; TA = 25
oC)
Pin 7 - OscR
Typical Sampling Frequency
Cutoff Frequency (3 dB Point)
Typical Total Voice Duration
38 k
W
8 kHz
3.4 kHz
16 seconds
52 k
W
6.4 kHz
2.7 kHz
20 seconds
67 k
W
5.3 kHz
2.3 kHz
24 seconds
89 k
W
4.0 kHz
1.7 kHz
32 seconds
NC
NC
NC
NC
NC
/C E
O scR
NC
NC
NC
NU1
V SS
SP+
SP-
V CCD
V SSD
/LED
NC
/P la yE
NC
Ana O ut
Ana In
AGC
MicR e f
MicIn
VccA_R
VccA_L
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
/R e cL
52K
8 Ohm Speaker
1K
0.1 µF
47u
0.1uF
4.7 µ F
22 0K
4.7K
22µF
4.7K
0.1µ F
Electre t
M icrophone
Notes:
NC = No Connect (must be floating).
Pins 23 and 27 have internal pull-up resistors.
The typical sampling frequency is 6.4 kHz with OscR = 52 k
W.
Substrate should be connected to GND.
150K
VC C
0.1µ F
1K
VC C(6VDC)
VC C
VC C
For low power applications
use double pole switch.
APLUS
APR9301-V2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com