Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APU4003T Datasheet (PDF) - Aplus Intergrated Circuits

APU4003T Datasheet PDF - Aplus Intergrated Circuits
Part # APU4003T
Download  APU4003T Download
File Size   339.37 Kbytes
Page   8 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description 4-Bit Micro-Controller With EPROM, 1K Word

APU4003T Datasheet (PDF)

Go To PDF Page Download Datasheet
APU4003T Datasheet PDF - Aplus Intergrated Circuits

Part # APU4003T
Download  APU4003T Click to download

File Size   339.37 Kbytes
Page   8 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description 4-Bit Micro-Controller With EPROM, 1K Word

APU4003T Datasheet (HTML) - Aplus Intergrated Circuits


APU4003T Product details

General Description
The APU4003T is an EEPROM-equipped high- performance 4-bit microcomputer. It contains not only all functions compatible with APU4003T, but also an EEPROM, providing customers such conveniences as on-board verification, customized code, small quantity sample production, etc.
This chip especially provides a security bit to protect the customer’s code.

Features
• Very low current dissipation.
• Wide operating voltage range.
• Supports both Ag and Li batteries.
• Powerful instruction set.
• 4-level subroutine nesting (including interrupt).
• 4 event-driven interrupts, 2 external and 2 internal.
• ROM size: 1024x15 bits.
• RAM size: 64x4 bits.
• Input ports: 2 ports/ 8 pins (S and M).
• Output port: 1 port/ 4 pins (P).
• Pseudo serial output port (P).
• Input/Output ports: 2 ports/ 8 pins (I/OA and I/OB).
• Control outputs: ALARM, LIGHT.
• LCD driver outputs (can drive up to 75 LCD segments).
• PROM option to select 4 LCD drive modes: static, duplex (1/2 duty 1/2 bias, 1/3 duty 1/2 bias or 1/3 duty 1/3 bias).
• PROM option permits LCD driver output pins to be used for DC output ports; up to 25 pins are available.
• Segment PLA circuit permits any layout on LCD panel.
• Built-in clock generator (crystal or RC).
• Built-in voltage doubler, halver, tripler.
• Endurance: More then 100 write cycles/word.
• Security bit for read/write protection.




Similar Part No. - APU4003T

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APU4003 APLUS-APU4003 Datasheet
596Kb / 9P
4-BIT MICRO-CONTROLLER WITH LCD DRIVER, 1K WORD
More results


Similar Description - APU4003T

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APU4003 APLUS-APU4003 Datasheet
596Kb / 9P
4-BIT MICRO-CONTROLLER WITH LCD DRIVER, 1K WORD
APU4006 APLUS-APU4006 Datasheet
509Kb / 8P
4-Bit Micro-Controller with LCD Driver, 1K Word
logo
Texas Instruments
BQ2022 TI-BQ2022 Datasheet
184Kb / 19P
1K-BIT SERLAL EPROM WITH SDQ INTERFACE
logo
List of Unclassifed Man...
VG509A ETC-VG509A Datasheet
1Mb / 5P
EPROM-Based 8-bit micro-controller
MTU410 ETC1-MTU410 Datasheet
71Kb / 10P
4-Bit Micro-Controller with LCD Driver, 1K Word
logo
Texas Instruments
BQ2022A TI-BQ2022A Datasheet
297Kb / 20P
1K-BIT SERIAL EPROM WITH SDQ INTERFACE
logo
List of Unclassifed Man...
MTU420 ETC-MTU420 Datasheet
77Kb / 11P
4-Bit Micro-Controller with LCD Driver, 2K Word
logo
Texas Instruments
BQ2022A TI1-BQ2022A Datasheet
992Kb / 33P
1K-Bit Serial EPROM with SDQ Interface
BQ2022 TI1-BQ2022_13 Datasheet
308Kb / 20P
1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022A TI1-BQ2022A_17 Datasheet
1Mb / 37P
1K-Bit Serial EPROM with SDQ Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com